Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNDS90LV031A-X Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDS90LV031A-X
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS90LV031A-X Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MNDS90LV031A-X Datasheet HTML 1Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 2Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 3Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 4Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 5Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 6Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 7Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 8Page - National Semiconductor (TI) MNDS90LV031A-X Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MNDS90LV031A-X REV 1C0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
VCC = 3.0/3.3/3.6V, RL = 100 Ohms, CL = 20pF
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tPHLD
Differential
Propagation Delay
High to Low
0.3
3.5
ns
9, 10,
11
tPLHD
Differential
Propagation Delay
Low to High
0.3
3.5
ns
9, 10,
11
tSKD
Differential Skew
tPHLD-tPLHD
1.5
ns
9, 10,
11
tSK1
Channel to
Channel Skew
2
1.75
ns
9, 10,
11
tSK2
Chip to Chip Skew
3
3.2
ns
9, 10,
11
Note 1:
Tested during VOH/VOL tests.
Note 2:
Channel to Channel Skew is defined as the difference between the propagation delay of
one channel and that of the others on the same chip with any event on the inputs.
Note 3:
Chip to Chip Skew is defined as the difference between the minimum and maximum
specified differential propagation delays.
5


Similar Part No. - MNDS90LV031A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - MNDS90LV031A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com