Electronic Components Datasheet Search |
|
74HC4016 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74HC4016 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 14 page December 1990 9 Philips Semiconductors Product specification Quad bilateral switches 74HC/HCT4016 DC CHARACTERISTICS FOR 74HCT Voltages are referenced to GND (ground = 0 V) Note 1. The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given here. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HCT VCC (V) VI OTHER +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. VIH HIGH level input voltage 2.0 1.6 2.0 2.0 V 4.5 to 5.5 VIL LOW level input voltage 1.2 0.8 0.8 0.8 V 4.5 to 5.5 ±I I input leakage current 0.1 1.0 1.0 µA 5.5 VCC or GND ±IS analog switch OFF-state current per channel 0.1 1.0 1.0 µA 5.5 VIH or VIL VS = VCC − GND (see Fig.7) ±I S analog switch ON-state current 0.1 1.0 1.0 µA 5.5 VIH or VIL VS = VCC − GND (see Fig.8) ICC quiescent supply current 2.0 20.0 40.0 µA 4.5 to 5.5 VCC or GND Vis = GND or VCC;Vos = VCC or GND ∆I CC additional quiescent supply current per input pin for unit load coefficient is 1 (note 1) 100 360 450 490 µA 4.5 to 5.5 VCC −2.1V other inputs at VCC or GND INPUT UNIT LOAD COEFFICIENT EN 1.00 |
Similar Part No. - 74HC4016 |
|
Similar Description - 74HC4016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |