Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4015 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT4015
Description  Dual 4-bit serial-in/parallel-out shift register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4015 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT4015 Datasheet HTML 1Page - NXP Semiconductors 74HCT4015 Datasheet HTML 2Page - NXP Semiconductors 74HCT4015 Datasheet HTML 3Page - NXP Semiconductors 74HCT4015 Datasheet HTML 4Page - NXP Semiconductors 74HCT4015 Datasheet HTML 5Page - NXP Semiconductors 74HCT4015 Datasheet HTML 6Page - NXP Semiconductors 74HCT4015 Datasheet HTML 7Page - NXP Semiconductors 74HCT4015 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-bit serial-in/parallel-out shift register
74HC/HCT4015
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
5, 4, 3, 10
1Q0 to 1Q3
flip-flop outputs
6, 14
1MR, 2MR
asynchronous master reset inputs (active HIGH)
7, 15
1D, 2D
serial data inputs
8
GND
ground (0 V)
9, 1
1CP, 2CP
clock inputs (LOW-to-HIGH, edge-triggered)
13, 12, 11, 2
2Q0 to 2Q3
flip-flop outputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT4015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT401 PHILIPS-74HCT401 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HCT40102 PHILIPS-74HCT40102 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HCT40103 PHILIPS-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HCT40103D PHILIPS-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
More results

Similar Description - 74HCT4015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com