Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD4.3M Datasheet(PDF) 2 Page - NEC

Part # RD4.3M
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD4.3M Datasheet(HTML) 2 Page - NEC

  RD4.3M Datasheet HTML 1Page - NEC RD4.3M Datasheet HTML 2Page - NEC RD4.3M Datasheet HTML 3Page - NEC RD4.3M Datasheet HTML 4Page - NEC RD4.3M Datasheet HTML 5Page - NEC RD4.3M Datasheet HTML 6Page - NEC RD4.3M Datasheet HTML 7Page - NEC RD4.3M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14716EJ6V0DS00
RD2.0M to RD47M
2
ELECTRICAL CHARACTERISTICS (TA = 25
± 2°C)
Class
Type
Number
Zener Voltage
VZ (V)Note 1
Dynamic Impedance
ZZ (
Ω)Note 2
Reverse Current
IR (
µA)
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
RD2.0M
B
1.90
2.20
5
100
5
120
0.5
RD2.2M
B
2.10
2.40
5
100
5
120
0.7
RD2.4M
B
2.30
2.60
5
100
5
120
1.0
B
2.50
2.90
RD2.7M
B1
2.50
2.75
5
110
5
120
1.0
B2
2.65
2.90
B
2.80
3.20
RD3.0M
B1
2.80
3.05
5
120
5
50
1.0
B2
2.95
3.20
B
3.10
3.50
RD3.3M
B1
3.10
3.35
5
130
5
20
1.0
B2
3.25
3.50
B
3.40
3.80
RD3.6M
B1
3.40
3.65
5
130
5
10
1.0
B2
3.55
3.80
B
3.70
4.10
RD3.9M
B1
3.70
3.97
5
130
5
10
1.0
B2
3.87
4.10
B
4.01
4.48
RD4.3M
B1
4.01
4.21
5
130
5
10
1.0
B2
4.15
4.34
B3
4.28
4.48
B
4.42
4.90
RD4.7M
B1
4.42
4.61
5
130
5
10
1.0
B2
4.55
4.75
B3
4.69
4.90
B
4.84
5.37
RD5.1M
B1
4.84
5.04
5
130
5
5
1.5
B2
4.98
5.20
B3
5.14
5.37
B
5.31
5.92
RD5.6M
B1
5.31
5.55
5
80
5
5
2.5
B2
5.49
5.73
B3
5.67
5.92
B
5.86
6.53
RD6.2M
B1
5.86
6.12
5
50
5
2
3.0
B2
6.06
6.33
B3
6.26
6.53
B
6.47
7.14
RD6.8M
B1
6.47
6.73
5
30
5
2
3.5
B2
6.65
6.93
B3
6.86
7.14
B
7.06
7.84
RD7.5M
B1
7.06
7.36
5
30
5
2
4.0
B2
7.28
7.60
B3
7.52
7.84
B
7.76
8.64
RD8.2M
B1
7.76
8.10
5
30
5
2
5.0
B2
8.02
8.36
B3
8.28
8.64


Similar Part No. - RD4.3M

ManufacturerPart #DatasheetDescription
logo
NEC
RD4.3M NEC-RD4.3M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD4.3MW NEC-RD4.3MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD4.3M

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com