Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD45NF75 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD45NF75
Description  N-CHANNEL 75V - 0.018 OHM -40A DPAK STripFETTMII POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45NF75 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD45NF75 Datasheet HTML 4Page - STMicroelectronics STD45NF75 Datasheet HTML 5Page - STMicroelectronics STD45NF75 Datasheet HTML 6Page - STMicroelectronics STD45NF75 Datasheet HTML 7Page - STMicroelectronics STD45NF75 Datasheet HTML 8Page - STMicroelectronics STD45NF75 Datasheet HTML 9Page - STMicroelectronics STD45NF75 Datasheet HTML 10Page - STMicroelectronics STD45NF75 Datasheet HTML 11Page - STMicroelectronics STD45NF75 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STD45NF75


Similar Part No. - STD45NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD45NF03L STMICROELECTRONICS-STD45NF03L Datasheet
47Kb / 6P
   N - CHANNEL 30V - 0.011 ohm - 45A DPAK STripFET POWER MOSFET
More results

Similar Description - STD45NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
   N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET??II POWER MOSFET
January 2003
STD29NF03L STMICROELECTRONICS-STD29NF03L Datasheet
47Kb / 6P
   N-CHANNEL 30V - 0.018 ohm - 29A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5_09 Datasheet
923Kb / 15P
   N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD40NF06LZ STMICROELECTRONICS-STD40NF06LZ Datasheet
296Kb / 8P
   N-CHANNEL 60V - 0.020 ohm - 40A DPAK Zener-Protected STripFET??II POWER MOSFET
October 2002
STD40NF03L STMICROELECTRONICS-STD40NF03L Datasheet
47Kb / 6P
   N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.0095 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
   N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
   N-channel 60V - 0.018廓 - 35A - DPAK STripFET??II Power MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com