Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55LBC173W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LBC173W
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55LBC173W Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ55LBC173W Datasheet HTML 4Page - Texas Instruments SNJ55LBC173W Datasheet HTML 5Page - Texas Instruments SNJ55LBC173W Datasheet HTML 6Page - Texas Instruments SNJ55LBC173W Datasheet HTML 7Page - Texas Instruments SNJ55LBC173W Datasheet HTML 8Page - Texas Instruments SNJ55LBC173W Datasheet HTML 9Page - Texas Instruments SNJ55LBC173W Datasheet HTML 10Page - Texas Instruments SNJ55LBC173W Datasheet HTML 11Page - Texas Instruments SNJ55LBC173W Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9076604Q2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
5962-9076604QEA
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
5962-9076604QFA
ACTIVE
CFP
W
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ55LBC173FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ55LBC173J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ55LBC173W
ACTIVE
CFP
W
16
1
TBD
A42 SNPB
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Similar Part No. - SNJ55LBC173W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LBC173W TI-SNJ55LBC173W Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173W TI-SNJ55LBC173W Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - SNJ55LBC173W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com