Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G99YZPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G99YZPR
Description  LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G99YZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G99YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 11Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 12Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 13Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 14Page - Texas Instruments SN74AUP1G99YZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN74AUP1G99
LOW POWER ULTRACONFIGURABLE MULTIPLEFUNCTION GATE
WITH 3STATE OUTPUTS
SCES594A – JULY 2004 − REVISED OCTOBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
36
1.2 V
± 0.1 V
0.4
10.7
21.1
0.7
29.8
tpd
A, B, C, or D
Y
1.5 V
± 0.1 V
2
7.2
12.6
1.1
18.5
ns
tpd
A, B, C, or D
Y
1.8 V
± 0.15 V
2.3
5.8
9.5
1.5
14.5
ns
2.5 V
± 0.2 V
2.5
4.4
6.3
1.7
10.5
3.3 V
± 0.3 V
2.3
3.7
5.2
1.5
8.4
0.8 V
0
1.2 V
± 0.1 V
1.4
12.1
22.8
0.8
29.3
ten
OE
Y
1.5 V
± 0.1 V
2.8
8
13.3
2
18.7
ns
ten
OE
Y
1.8 V
± 0.15 V
2.5
6.2
10
1.6
14.8
ns
2.5 V
± 0.2 V
2.5
4.5
6.7
1.6
9.9
3.3 V
± 0.3 V
2.3
3.8
5.4
1.5
8.2
0.8 V
0
1.2 V
± 0.1 V
2
5.6
9.3
2
10
tdis
OE
Y
1.5 V
± 0.1 V
2.5
4.1
5.8
2.4
7.6
ns
tdis
OE
Y
1.8 V
± 0.15 V
2.9
4.2
5.7
2.7
7.9
ns
2.5 V
± 0.2 V
1.1
2.7
4.4
1.1
5.5
3.3 V
± 0.3 V
1.9
3.5
5.2
1.9
5.8


Similar Part No. - SN74AUP1G99YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G99YZPR TI-SN74AUP1G99YZPR Datasheet
629Kb / 24P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUP1G99YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com