Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1026A-15BC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1026A-15BC
Description  5V/3.3V 64K X 16 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026A-15BC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1026A-15BC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026A-15BC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS7C1026A
AS7C31026A
2/6/01; V.0.9
Alliance Semiconductor
P. 5 of 9
Write cycle (over the operating range) 11
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CE controlled)10,11
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min Max Min Max Min Max Min Max
Write cycle time
tWC
10
12
15
20
ns
Chip enable (CE) to write end
tCW
8
10
12
12
ns
Address setup to write end
tAW
8
9
10
12
ns
Address setup time
tAS
0
0–
0
0–
ns
Write pulse width
tWP
7–8
9
12
ns
Address hold from end of write
tAH
0
0–
0
0–
ns
Data valid to write end
tDW
5–6
8
10
ns
Data hold time
tDH
0
0–
0
0–
ns
5
Write enable to output in high Z
tWZ
6
6
6
8
ns
4, 5
Output active from write end
tOW
1
1–
1
2–
ns
4, 5
Byte select low to end of write
tBW
8
10
12
12
ns
Address
CE
LB, UB
WE
DataIN
DataOUT
tWC
tCW
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
tWR
Data undefined
high Z
Data valid
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tWR
DataOUT
Data undefined
high Z
high Z
tAS
tAW
Data valid
tCLZ


Similar Part No. - AS7C1026A-15BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12BC ALSC-AS7C1026-12BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C1026A-15BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com