Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE1AN-S-DC110V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # HE1AN-S-DC110V
Description  TV-15, 30 AMP (1 Form A) Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HE1AN-S-DC110V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  HE1AN-S-DC110V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HE1AN-S-DC110V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HE1AN-S-DC110V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HE1AN-S-DC110V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HE1AN-S-DC110V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HE1AN-S-DC110V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HE
113
4. Screw terminal type (wide pitch)
1a
51.0
2.008
47.6
1.874
40.0
1.575
33.5
1.319
50.0
1.969
60
2.362
14.4
.567
4.5
.177
M4.5
M3.5
11.3
.445
10.25
.404
17.5
.689
16.5
.650
0.8
.031
3.5
.138
7.5
.295
44.5
1.752
R4
2a
General tolerance:
±0.3 ±.012
33.5
1.319
50.0
1.969
60
2.362
51.0
2.008
47.6
1.874
40.0
1.575
36.4
1.433
14.4
.567
4.5
.177
M4.0
M3.5
0.8
.031
7.5
.295
44.5
1.752
11.3
.445
10.25
.404
17.5
.689
16.5
.650
R4
Schematic
1a
2a
14
65
12
3
4
65
Panel cutout
2-4.5
±0.1 dia.
2-.177
±.004
47.6
±0.1
1.874
±.004
mm inch
5. PC board terminal type
38.0
1.496
33
1.299
36.3
1.429
0.5
.020
4
.157
4.7
.185
Schematic (Bottom view)
PC board pattern (Copper-side view)
14
65
32
1.259
24
.945
18.6
.732
8.4
.331
4.7
.185
6-2 dia.
6-.079 dia.
REFERENCE DATA
1 Form A Type
1. Maximum switching power
2. Life curve
3. Contact temperature rise (DC type)
Measured portion: Inside the coil
Contact current: 30 A
100
50
30
20
10
5
1
0.5
30
100
500 1,000
Contact voltage, V
AC resistive
DC resistive
10
5
100
50
1,000
500
30
35
20
25
10
15
5
0
Contact current, A
250 V AC resistive
30 V DC resistive
70
60
50
40
30
20
10
0
100
110
120
20
°C
60
°C
Coil applied voltage, %V
40
°C
4. Ambient temperature characteristics
Sample: HE1aN-AC120V, 6 pcs.
30
40
60
80
20
–10
0
–20
–50
–20
–30
x
x-
-
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
20
10


Similar Part No. - HE1AN-S-DC110V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-S-DC110V PANASONIC-HE1AN-S-DC110V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE1AN-S-DC110V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com