Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4002PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4002PW
Description  Dual 4-input NOR gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4002PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4002PW Datasheet HTML 1Page - NXP Semiconductors 74HC4002PW Datasheet HTML 2Page - NXP Semiconductors 74HC4002PW Datasheet HTML 3Page - NXP Semiconductors 74HC4002PW Datasheet HTML 4Page - NXP Semiconductors 74HC4002PW Datasheet HTML 5Page - NXP Semiconductors 74HC4002PW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-input NOR gate
74HC/HCT4002
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 13
1Y, 2Y
data outputs
2, 9
1A, 2A
data inputs
3, 10
1B, 2B
data inputs
4, 11
1C, 2C
data inputs
5, 12
1D, 2D
data inputs
6, 8
n.c.
not connected
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC4002PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4002PW NEXPERIA-74HC4002PW Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
74HC4002PW NEXPERIA-74HC4002PW Datasheet
765Kb / 15P
   Dual 4-input NOR gate
Rev. 5 - 26 May 2016
74HC4002PW-Q100 NEXPERIA-74HC4002PW-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
74HC4002PW-Q100 NEXPERIA-74HC4002PW-Q100 Datasheet
716Kb / 14P
   Dual 4-input NOR gate
Rev. 1 - 18 July 2012
More results

Similar Description - 74HC4002PW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
   DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
   Dual 4-Input NOR Gate
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
   DUAL 4-INPUT NOR GATE
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
   Dual 4-input NOR gate
January 1995
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
   Dual 4-input NOR gate
Rev. 1 - 18 July 2012
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
   DUAL 4 INPUT NOR GATE
logo
Hitachi Semiconductor
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
   Dual 4-input NOR Gate
logo
Nexperia B.V. All right...
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
HEF4002B NEXPERIA-HEF4002B Datasheet
714Kb / 11P
   Dual 4-input NOR gate
Rev. 4 - 17 October 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com