Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4024 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4024
Description  7-stage binary ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4024 Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC4024 Datasheet HTML 1Page - NXP Semiconductors 74HC4024 Datasheet HTML 2Page - NXP Semiconductors 74HC4024 Datasheet HTML 3Page - NXP Semiconductors 74HC4024 Datasheet HTML 4Page - NXP Semiconductors 74HC4024 Datasheet HTML 5Page - NXP Semiconductors 74HC4024 Datasheet HTML 6Page - NXP Semiconductors 74HC4024 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
7-stage binary ripple counter
74HC/HCT4024
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
CP
MR
0.75
0.85
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +125 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
CP to Q0
17
35
44
53
ns
4.5
Fig.6
tPHL
propagation delay
MR to Q0
21
40
50
60
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Qn to Qn+1
9
16
20
24
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
16
9
20
24
ns
4.5
Fig.6
tW
master reset pulse width
HIGH
16
6
20
24
ns
4.5
Fig.6
trem
removal time
MR to CP
10
0
13
15
ns
4.5
Fig.6
fmax
maximum clock pulse
frequency
30
64
24
20
MHz
4.5
Fig.6


Similar Part No. - 74HC4024

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
logo
NXP Semiconductors
74HC4024D PHILIPS-74HC4024D Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024D NEXPERIA-74HC4024D Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
74HC4024D-Q100 NEXPERIA-74HC4024D-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
More results

Similar Description - 74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com