Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS9PAVK Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # VS9PAVK
Description  LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VS9PAVK Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  VS9PAVK Datasheet HTML 1Page - Raltron Electronics Corporation VS9PAVK Datasheet HTML 2Page - Raltron Electronics Corporation VS9PAVK Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCXO
Page 2 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
123
4
5
6
.276 ±.008
7.0 ±0.2
INDICATES PIN 1.
.079 MAX.
2.00 MAX.
.200
.100
5.08
2.54
.055
1.40
TYP.
.079 TYP.
2.00 TYP.
.100
2.54
.071
1.80
SOLDER PATTERN
2.20
.087
*1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25
±3°C
*2 Frequency Dependent
*3 May not be Available With All Temperature Ranges or Frequencies — Please Consult Factory
*4 Measured with Wavecrest SIA-3000A 10,000, Cycles no filtering
*5 Calculated from Agilent 5500 phase noise measurements
*6 Measured with Agilent 5500
*7 Tighter stabilities maybe available upon request – please consult factory
$
$
$
$ PART NUMBERING SYSTEM:
SERIES
SYMMETRY
TEMPERATURE
RANGE (°C)
ABSOLUTE PULL
RANGE
FREQUENCY
(MHz)
Enable/Disable
VS9P: UHF +3.3Vdc
VCXO with LVPECL
Comp. Output
A: 40/60 to 60/40%
T: 45/55 to 55/45%
R: 0…+50
S: 0…+70
U: -20…+70
V: -40…+85
K:
±20 ppm
I:
±25 ppm
F:
±32 ppm
H:
±50 ppm
G:
±80 ppm
J:
±100 ppm*(note 3)
0.75…800.000
Enable High – standard (Omit Suffix)
EL; Enable Low
EXAMPLE: VS9PASH -155.520
VCXO, 7x5mm Package, +3.3 VDC Supply Voltage, LVPECL Output, Standard Symmetry, 0…+70
°C Operating
Temperature Range,
±50 ppm APR, 25 ppm stability, 155.520 MHz
$
$
$
$ MECHANICAL PARAMETERS:
OUTLINE TOLERANCE:
±0.006” / 0.15mm
(Unless otherwise specified)
PIN FUNCTIONS:
[1] VOLTAGE CONTROL
[2] ENABLE/ DISABLE, OR NO CONNECT
[3] CASE GROUND
[4] OUTPUT
[5] COMP. OUTPUT
[6] SUPPLY VOLTAGE
MARKING:
VS9PASH
155.52
RAL D/C
*0.01
µµµµF external by-pass
filter is recommended as seen on solder
pattern.


Similar Part No. - VS9PAVK

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS9 ASTEC-VS9 Datasheet
2Mb / 8P
   1000 - 2500 Watts
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Vishay Siliconix
VS90EPF12L-M3 VISHAY-VS90EPF12L-M3 Datasheet
240Kb / 9P
   Fast Soft Recovery Rectifier Diode, 90 A
Revision: 06-Jul-2018
logo
Rohm
VS90VLNVWM ROHM-VS90VLNVWM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/02/08_Rev.001
More results

Similar Description - VS9PAVK

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
   ULTRA HF VCXO, LVPECL, 3.3 VDC
VS9M RALTRON-VS9M Datasheet
593Kb / 3P
   ANALOG MULTIPLIED LVPECL SERIES: ULTRA HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
Raltron Electronics Cor...
C9P RALTRON-C9P Datasheet
57Kb / 3P
   ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com