Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065EVAL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10DL065EVAL
Description  Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10DL065EVAL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10DL065EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC10DL065EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADC10DL065
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
General Description
The ADC10DL065 is a dual, low power monolithic CMOS
analog-to-digital converter capable of converting analog in-
put signals into 10-bit digital words at 65 Megasamples per
second (MSPS). This converter uses a differential, pipeline
architecture with digital error correction and an on-chip
sample-and-hold circuit to minimize power consumption
while providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single +3.3V
power supply, the ADC10DL065 achieves 9.8 effective bits
at nyquist and consumes just 370 mW at 65 MSPS, including
the reference current. The Power Down feature reduces
power consumption to 36 mW.
The differential inputs provide a full scale differential input
swing equal to 2 times V
REF with the possibility of a single-
ended input. Full use of the differential input is recom-
mended for optimum performance. The digital outputs from
the two ADC’s are available on a single multiplexed 10-bit
bus or on separate buses. Duty cycle stabilization and output
data format are selectable using a quad state function pin.
The output data can be set for offset binary or two’s comple-
ment.
To ease interfacing to lower voltage systems, the digital
output driver power pins of the ADC10DL065 can be con-
nected to a separate supply voltage in the range of 2.4V to
the analog supply voltage. This device is available in the
64-lead TQFP package and will operate over the industrial
temperature range of −40˚C to +85˚C. An evaluation board is
available to ease the evaluation process.
Features
n
Single +3.3V supply operation
n
Internal sample-and-hold
n
Internal reference
n
Outputs 2.4V to 3.6V compatible
n
Power down mode
n
Duty Cycle Stabilizer
n
Multiplexed Output Mode
Key Specifications
n
Resolution
10 Bits
n
DNL
±0.16 LSB (typ)
n
SNR (f
IN = 10 MHz)
61 dB (typ)
n
SFDR (f
IN = 10 MHz)
85 dB (typ)
n
Data Latency
7 Clock Cycles
n
Power Consumption
n
-- Operating
370 mW (typ)
n
-- Power Down Mode
36 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Communications Receivers
n
Sonar/Radar
n
xDSL
n
DSP Front Ends
Connection Diagram
20148601
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
June 2006
© 2006 National Semiconductor Corporation
DS201486
www.national.com


Similar Part No. - ADC10DL065EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065 Datasheet
818Kb / 34P
[Old version datasheet]   ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065 TI1-ADC10DL065 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS TI1-ADC10DL065CIVS Datasheet
818Kb / 34P
[Old version datasheet]   ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS TI1-ADC10DL065CIVS Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS/NOPB TI1-ADC10DL065CIVS/NOPB Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results

Similar Description - ADC10DL065EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065 TI1-ADC10DL065_14 Datasheet
818Kb / 34P
[Old version datasheet]   ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com