Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE1AN-S-AC240V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # HE1AN-S-AC240V
Description  TV-15, 30 AMP (1 Form A) Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HE1AN-S-AC240V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  HE1AN-S-AC240V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
110
HE RELAYS
TV-15, 30 AMP (1 Form A)
Power Relay
VDE
mm inch
33
1.299
35.8
1.409
50
1.969
FEATURES
• High contact capacity with superior inrush current characteristics;
• Excellent high heat-resistance;
• High dielectric strength: 10,000 V surge Conforming to VDE0806
(Insulation gap: 8 mm .315 inch) VDE, TÜV also approved
1 Form A
2 Form A
Rating
30 A 277 V AC
25 A 277 V AC
TV rating
TV-15
TV-10
SPECIFICATIONS
Contacts
Coil (at 20
°C 68°F)
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*4 Excluding contact bounce time
*5 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
Characteristics
Type
DC coil type
AC coil type
Arrangement
1a
2a
1a
2a
Contact material
Silver alloy
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
100 m
Rating
(resistive)
Nominal
switching capacity
30 A
277 V
AC
25 A
277 V
AC
30 A
277 V
AC
25 A
277 V
AC
Max. switching
power
8,310
VA
6,925
VA
8,310
VA
6,925
VA
Max. switching
voltage
277 V AC, 30 V DC
Max. switching
current
30 A
25 A
30 A
25 A
Expected
life (min.
operations)
Mechanical
(at 180 cpm)
107
5
×106
Electrical
(at 20 cpm)
105 (1a: 30 A 277 V AC, 2a: 25 A 277 V AC)
2
×105 (1a: 30 A 250 V AC, 2a: 20 A 250 V AC)
DC coil type
AC coil type
Nominal operating power
1.92 W
See Coil data (next page)
DC coil type
AC coil type
Maximum operating speed
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
2,000 Vrms for 1 min.
Between contacts and
coil
5,000 Vrms for 1 min.
Between contact sets
(2a)
4,000 Vrms for 1 min.
Surge voltage between coil
and contact*3
Min. 10,000 V
Operate time*4
(at nominal voltage)
Approx. 20 ms
Release time*4
(at nominal voltage)
Approx. 5 ms
Approx. 20 ms
Temperature rise, max.
(resistive load)(at 55
°C)
60
°C65°C
Shock resistance
Functional*5
98 m/s2 {10 G}
Destructive*6
980 m/s2 {100 G}
Vibration resistance
Functional*7
10 to 55 Hz
at double amplitude of 1 mm
Destructive
10 to 55 Hz
at double amplitude of 1.5 mm
Conditions for opera-
tion, transport and
storage*8 (Not freezing
and condensing at low
temperature)
Ambient
temp.
–50
°C to +55°C
–58
°F to +131°F
Humidity
5 to 85% R.H.
Air pressure
86 to 106 kPa
Unit weight
Approx. 90 g 3.17 oz
(Plug-in type)
TYPICAL
APPLICATIONS
1. Home appliances
• Air conditioners
• Microwave ovens
• TV sets
• Heaters
• Stereo
2. Office equipment
• Copiers
• Vending machines
ORDERING INFORMATION
HE
1a
N
S
DC12
V
Contact arrangement
1a: 1 Form A
2a: 2 Form A
N: 70% of nominal
voltage
Nil: Plug-in terminal type
S: Screw terminal type
SW: Screw terminal type
(wide pitch)
Q: NEMA terminal type
P: PC board terminal type*
DC: 6, 12, 24, 48,
110 V
AC: 12, 24, 48,
120, 240 V
Pick-up voltage
Terminals
Coil voltage
Standard packing: Carton: 20 pcs.; Case: 100 pcs.
* PC board terminal are available only for 1 Form A type of DC coil voltage.
UL/CSA, TÜV approved type is standard.


Similar Part No. - HE1AN-S-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-S-AC24V PANASONIC-HE1AN-S-AC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE1AN-S-AC240V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com