Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE1AN-S-AC240V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # HE1AN-S-AC240V
Description  TV-15, 30 AMP (1 Form A) Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HE1AN-S-AC240V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  HE1AN-S-AC240V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HE1AN-S-AC240V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HE
112
DIMENSIONS
1. Plug-in terminal type
1a
36.4
1.433
40
1.575
33
1.299
50
1.969
10.4
.409
0.8
.031
35
1.378
8.4
.331
3.5
.138
10.25
.404
2-4.5 dia.
2-.177 dia.
1
65
R4
4
FASTON No. 250
0.8
.031
6.35
.250
2a
General tolerance:
±0.3 ±.012
36.4
1.433
14.4
.567
33
1.299
40
1.575
50
1.969
10.4
.409
0.8
.031
35
1.378
2-4.5 dia.
2-.177 dia.
R4
1
65
23
4
FASTON No. 250
Schematic
1a
2a
14
65
12
3
4
65
Panel cutout
2-4.5
±0.1 dia.
2-.177
±.004 dia.
40
±0.1
1.575
±.004
mm inch
2. NEMA terminal type
1a
47.6
1.874
4.5
.177
33
1.299
36.4
1.433
40
1.575
50
1.969
60
2.362
1
5
R4
6
4
FASTON No. 250
8.4
.331
10.4
.409
35
1.378
0.8
.031
3.5
.138
10.25
.404
0.8
.031
6.35
.250
2a
General tolerance:
±0.3 ±.012
47.6
1.874
36.4
1.433
14.4
.567
4.5
.177
33
1.299
40
1.575
50
1.969
60
2.362
5
6
R4
12
3
4
FASTON No. 250
10.4
.409
35
1.378
0.8
.031
Schematic
1a
2a
14
65
12
3
4
65
Panel cutout
2-4.5
±0.1 dia.
2-.177
±.004
47.6
±0.1
1.874
±.004
3. Screw terminal type
1a
51.0
2.008
2-4.5 dia.
2-.177
40.0
1.575
14.4
.567
11.3
.445
17.5
.689
16.5
.650
3.5
.138
0.8
.031
7.5
.295
44.5
1.752
10.25
.404
33.5
1.319
50.0
1.969
M4.5
R4
M3.5
2a
General tolerance:
±0.3 ±.012
2-4.5 dia.
2-.177
51.0
2.008
40.0
1.575
36.4
1.433
14.4
.567
17.5
.689
16.5
.650
0.8
.031
7.5
.295
44.5
1.752
33.5
1.319
50.0
1.969
M4.0
11.3
.445
10.25
.404
R4
M3.5
Schematic
1a
2a
14
65
12
3
4
65
Panel cutout
2-4.5
±0.1 dia.
2-.177
±.004 dia.
40
±0.1
1.575
±.004


Similar Part No. - HE1AN-S-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-S-AC24V PANASONIC-HE1AN-S-AC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE1AN-S-AC240V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com