Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C1480L-12DC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MU9C1480L-12DC
Description  The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MU9C1480L-12DC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MU9C1480L-12DC Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 9Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 10Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 11Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 12Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 13Page - List of Unclassifed Manufacturers MU9C1480L-12DC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MU9C1480A/L Draft
Rev. 3.0 Draft
10
OPERATIONAL CHARACTERISTICS
Continued
Notes:
1.
Default Command Write cycle destination (does not require a TCO instruction).
2.
Default Command Write cycle destination (no TCO instruction required) if Address Field flag was set in bit 11 of the
instruction loaded in the previous cycle.
3.
Loaded or read on the Command Write or Read cycle immediately following a TCO instruction. Active for one Command
Write or Read cycle only. NFA register cannot be loaded this way.
4.
Default Command Read cycle source (does not require a TCO instruction).
5.
Default Command Read cycle source (does not require a TCO instruction) if the previous cycle was a Command Read of
Status Register Bits 15–0. If next cycle is not a Command Read cycle, any subsequent Command Read cycle will access the
Status Register Bits 15–0.
6.
Default persistent source and destination on power-up and after Reset. If other resources were sources or destinations,
SPD CR or SPS CR restores the Comparand register as the destination or source.
7.
Selected by executing a Select Persistent Destination instruction.
8.
Selected by executing a Select Persistent Source instruction.
9.
Access may require multiple 16-bit Read or Write cycles. The Segment Control register is used to control the selection of the
desired 16-bit segment(s) by establishing the Segment counters’ start and end limits and count values.
10. Device is deselected if Device Select register setting does not equal Page Address register setting, unless the Device Select
Register is set to FFFFH, which allows only write access to the device. (Writes to the Device Select register are always
active.) Device may also be deselected under locked daisy chain conditions as shown in Tables 5a and 5b on page 12.
11. A Command Read cycle after a TCO PS or TCO PD reads back the Instruction decoder bits that were last set to select a
persistent source or destination. The TCO PS instruction will also read back the Device ID.
/CM
L
L
H
H
X
/W
L
H
L
H
X
I/O Status
IN
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
HIGH-Z
IN
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
HIGH-Z
HIGH-Z
Operation
Load Instruction decoder
Load Address register
Load Control register
Load Page Address register
Load Segment Control register
Load Device Select register
Deselected
Read Next Free Address register
Read Address register
Read Status Register bits 15–0
Read Status Register bits 31–16
Read Control register
Read Page Address register
Read Segment Control register
Read Device Select register
Read Current Persistent Source or Destination
Deselected
Load Comparand register
Load Mask Register 1
Load Mask Register 2
Write Memory Array at address
Write Memory Array at Next Free address
Write Memory Array at Highest-Priority match
Deselected
Read Comparand register
Read Mask Register 1
Read Mask Register 2
Read Memory Array at address
Read Memory Array at Highest-Priority match
Deselected
Deselected
Cycle Type
Cmd Write
Cmd Read
Data Write
Data Read
/E
L
L
L
L
H
Notes
1
2,3
3
3
3
3
10
3
3
4
5
3
3
3
3
3,11
10
6,9
7,9
7,9
7,9
7,9
7,9
10
6, 9
8, 9
8, 9
8, 9
7, 8
10
SPS
ü
ü
ü
ü
ü
SPD
ü
ü
ü
ü
ü
ü
TCO
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
Table 3: Input/Output Operations


Similar Part No. - MU9C1480L-12DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C1480L-90DC MUSIC-MU9C1480L-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480L-90DI MUSIC-MU9C1480L-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480L-90TAC MUSIC-MU9C1480L-90TAC Datasheet
56Kb / 2P
   TQFP Package Option
More results

Similar Description - MU9C1480L-12DC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
National Semiconductor ...
93L425A NSC-93L425A Datasheet
131Kb / 6P
   1024 X 1-BIT STATIC RANDOM ACCESS MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
Motorola, Inc
MCM5101 MOTOROLA-MCM5101 Datasheet
127Kb / 4P
   CMOS 1024 BIT STATIC RANDOM ACCESS MEMORY
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com