Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU56422DLTP Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY5DU56422DLTP
Description  256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU56422DLTP Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY5DU56422DLTP Datasheet HTML 1Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 2Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 3Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 4Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 5Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 6Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 7Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 8Page - Hynix Semiconductor HY5DU56422DLTP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
DESCRIPTION
The Hynix HY5DU56422D(L)TP, HY5DU56822D(L)TP and HY5DU561622(L)TP are a 268,435,456-bit CMOS Double
Data Rate(DDR) Synchronous DRAM, ideally suited for the main memory applications which requires large memory
density and high bandwidth.
The Hynix 256Mb DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
PRELIMINARY
Rev. 0.2 / July 2003
3
HY5DU56422D(L)TP
HY5DU56822D(L)TP
HY5DU561622D(L)TP
•VDD, VDDQ = 2.5V +/- 0.2V
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
x16 device has two bytewide data strobes (UDQS,
LDQS) per each x8 I/O
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
On chip DLL align DQ and DQS transition with CK
transition
DM mask write data-in at the both rising and falling
edges of the data strobe
All addresses and control inputs except data, data
strobes and data masks latched on the rising edges
of the clock
Programmable CAS latency 1.5, 2, 2.5 and 3
supported
Programmable burst length 2 / 4 / 8 with both
sequential and interleave mode
Internal four bank operations with single pulsed
/RAS
tRAS Lock-out function supported
Auto refresh and Self refresh supported
8192 refresh cycles / 64ms
JEDEC standard 400mil 66pin TSOP-II with 0.65mm
pin pitch (Lead free package)
Full and Half strength driver option controlled by
EMRS
ORDERING INFORMATION
* X means speed grade
Part No.
Configuratio
n
Package
HY5DU56422D(L)TP-X*
64Mx4
400mil
66pin
TSOP-II
(Lead-
free)
HY5DU56822D(L)TP-X*
32Mx8
HY5DU561622D(L)TP-X*
16Mx16
OPERATING FREQUENCY
Grade
CL2
CL2.5
Remark
(CL-tRCD-tRP)
- J
133MHz
166MHz
DDR333 (2.5-3-3)
- M
133MHz
133MHz
DDR266 (2-2-2)
- K
133MHz
133MHz
DDR266A (2-3-3)
- H
100MHz
133MHz
DDR266B (2.5-3-3)
- L
100MHz
125MHz
DDR200 (2-2-2)
* CL1.5 @ DDR200 supported
* CL3 supported


Similar Part No. - HY5DU56422DLTP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56422DLT HYNIX-HY5DU56422DLT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results

Similar Description - HY5DU56422DLTP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS5162EFR HYNIX-H5MS5162EFR Datasheet
105Kb / 2P
   536,870,912-bit CMOS Low Power Double Data Rate Synchronous DRAM (Mobile DDR SDRAM)
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com