Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVCH16345 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74ALVCH16345
Description  3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16345 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74ALVCH16345 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16345 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16345 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16345 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16345 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16345 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH16345
3.3VCMOSREGISTEREDADDRESSLINEDRIVERWITH3-STATEOUTPUTS
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceOutputsenabled
CL = 0pF, f = 10Mhz
pF
CPD
PowerDissipationCapacitanceOutputsdisabled
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. For tSK(b) OUTPUT1
and OUTPUT2 are in the same bank.
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
150
ns
tPLH
PropagationDelay
1.5
5.4
1.5
4.4
1.5
4
ns
tPHL
CLK to xQx
tPZH
OutputEnableTime
1.5
5.2
1.5
5.1
1.5
4.5
ns
tPZL
OE to xQx
tPHZ
OutputDisableTime
1.5
5.5
1.5
4.5
1.5
5.2
ns
tPLZ
OE to xQx
tSU
Set-up Time, CEx to CLK, HIGH or LOW
1.5
1.5
1.5
ns
tSU
Set-up Time, Dx to CLK, HIGH or LOW
1.5
1.5
1.5
ns
tH
Hold Time, CEx to CLK, HIGH or LOW
0.5
0.5
0.5
ns
tH
Hold Time, Dx to CLK, HIGH or LOW
0.5
0.5
0.5
ns
tW
Pulse Width, CLK HIGH or LOW
3
3
3
ns
tSK(o)
OutputSkew(2)
500
ps
tSK(b)
OutputSkew(2)
350
ps


Similar Part No. - IDT74ALVCH16345

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH16373 IDT-IDT74ALVCH16373 Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373PA IDT-IDT74ALVCH16373PA Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373PV IDT-IDT74ALVCH16373PV Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16374 IDT-IDT74ALVCH16374 Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
More results

Similar Description - IDT74ALVCH16345

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH16952 IDT-IDT74ALVCH16952 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHS162830 IDT-IDT74ALVCHS162830 Datasheet
64Kb / 6P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162344 IDT-IDT74ALVCH162344 Datasheet
84Kb / 6P
   3.3V CMOS 1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHS162830 RENESAS-IDT74ALVCHS162830 Datasheet
255Kb / 7P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
OCTOBER 1999
logo
Integrated Device Techn...
IDT74LVCH244A IDT-IDT74LVCH244A Datasheet
71Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162827 IDT-IDT74ALVCH162827 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16244 RENESAS-IDT74ALVCH16244 Datasheet
270Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH162244 IDT-IDT74ALVCH162244 Datasheet
73Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32244 RENESAS-IDT74ALVCH32244 Datasheet
275Kb / 8P
   3.3V CMOS 32-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2015
logo
Integrated Device Techn...
IDT74ALVCH16244 IDT-IDT74ALVCH16244 Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com