Electronic Components Datasheet Search |
|
VS9PTVF Datasheet(PDF) 1 Page - Raltron Electronics Corporation |
|
VS9PTVF Datasheet(HTML) 1 Page - Raltron Electronics Corporation |
1 / 3 page VCXO Page 1 of 3 RAL T RON EL ECT R ONICS CORP. ! 10651 N . W . 19 th St ! Mi ami, Florida 33172 ! U.S.A. phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com VS9P: PLL LVPECL SERIES: LOW COST UHF/HF VCXO, LVPECL, +3.3 VDC DESCRIPTION: A low cost voltage control crystal oscillator, high frequency, highly stable oscillator, adhering to Low Voltage Differential Signaling (LVPECL) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for today's automated assembly environments. APPLICATIONS AND FEATURES: " Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches; " Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz " +3.3 VDC LVPECL " Frequency Range from 750KHz to 800 MHz " PLL multiplication (F>25MHz) " Miniature Ceramic SMD Package Available on Tape and Reel " Lead Free and ROHS Compliant $ $ $ $ ABSOLUTE MAXIMUM RATINGS: PARAMETER SYMBOL VALUE UNIT Operating temperature range Ta -40…+85 °C Storage temperature range T(stg) -55…+90 °C Supply voltage Vcc +4.6 VDC Maximum Input Voltage Vi Vss-0.5…Vcc+0.5 VDC Maximum Output Voltage Vo Vss-0.5…Vcc+0.5 VDC $ $ $ $ ELECTRICAL PARAMETERS: PARAMETER SYMBOL TEST CONDITIONS *1 VALUE UNIT Nominal Frequency fo 0.75 to 800 MHz Supply Voltage Vcc +3.3 ±5% VDC Supply Current Is 100.0 MAX mA Output Logic Type LVPECL Load Connected between each output and Vcc – 2.0 VDC 50 Ω Output Voltage Levels Voh Vol min max Vcc-1.025 Vcc-1.620 VDC VDC Duty Cycle DC Measured at 50% of output voltage swing 40/60 to 60/40 or 45/55 to 55/45 % Rise / Fall Time tr / tf Measured at 20/80% and 80/20% output voltage swing 0.7 TYP 1.0 MAX *2 ns Fo=155.52MHz 2.6 TYP** Integrated Phase tji RMS, Fj = 12 kHz…20 MHz 5 Fo=622.08MHz 2.5 TYP** ps Fo=155.52MHz. 4 TYP ** Random period Jitter Rj using wavecrest analyzer 4 Fo=622.08MHz 6 TYP ** ps Fo=155.52MHz. 30 TYP** Jitter J Acumm. Peak to Peak Jitter Tp-p using wavecrest analyzer *4 Fo=622.08MHz 40 TYP** ps Phase Noise £( ∆f) typ. @155.52MHz 6 ∆f=10 Hz ∆f=100 Hz ∆f=1 KHz ∆f=10 KHz ∆f=100 KHz ∆f=1M Hz ∆f=10M Hz ∆f>20M Hz -60 -90 -120 -125 -121 -121 -140 -145 dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz Overall Frequency Stability typ. ∆f/fc Op. Temp., Aging, Load, and Supply Variations < ±50*(Note 7) ppm Control Voltage Range VC Positive slope; 10% linearity MAX 0 to +3.3 VDC Settability Vfo +1.65 ± 0.25 VDC Absolute Pull Range APR Minimum guaranteed freq. pull over ∆f/fc, over all conditions See Part Numbering ppm Input Impedance Zin 10 MIN k Ω Modulation Bandwidth BW -3 dB 10 MIN kHz Enable High Option; Pin 2 Output Enabled Output Disabled En Dis High Voltage or No Connect Ground 0.7 •Vcc MIN 0.3 •Vcc MAX VDC VDC Enable Low Option; Pin 2 Output Disabled Output Enabled Dis En High Voltage Ground or No Connect 0.7 •Vcc MIN 0.3 •Vcc MAX VDC VDC |
Similar Part No. - VS9PTVF |
|
Similar Description - VS9PTVF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |