Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ973-1C-6DC4D3 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ973-1C-6DC4D3
Description  40 AMP AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ973-1C-6DC4D3 Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ973-1C-6DC4D3 Datasheet HTML 1Page - ZETTLER Electronics AZ973-1C-6DC4D3 Datasheet HTML 2Page - ZETTLER Electronics AZ973-1C-6DC4D3 Datasheet HTML 3Page - ZETTLER Electronics AZ973-1C-6DC4D3 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ973
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-06-24
MECHANICAL DATA
86
85
85
86
86
85
D2,D4
D1,D3
R1,R2
WIRING DIAGRAMS
.039
[1.0]
[26.2]
1.032
.445
[11.3]
Version C2
Version C4
Version C1
[12.0]
.472
.681
[17.3]
[16.5]
.650
.354
[9.0]
are typical for all other versions
Dimensions shown for Version C3
.665
Viewed Toward Terminals
[16.9]
ø.228
[ø5.8]
[ø5.3]
ø.209
[2.0]
.079
.630
[16.0]
[11.5]
[6.3]
.248
.106
[8.4]
.331
[2.7]
.453
[26.2]
1.032
[26.2]
1.032
.032
.315
[0.8]
.705
[17.9]
Note:
[8.0]
Version C3
[23.7]
.933
87A
85
86
30
86
87
87
85
30
FORM C
FORM A
[46.5]
1.831
[35.5]
1.398
[35.5]
1.398
[44.9]
1.768
5 x .032
[0.8]
[6.3]
5 x .248
[11.5]
5 x .453
85
87
86
87A
30
[1.8]
.071
[20.0]
.787
[9.0]
.354
[4.4]
.173
[6.9]
.272
[17.9]
.705
.665
[16.9]
[8.4]
.331
[8.0]
.315
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ973-1C-6DC4D3

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973-1C-6DC4D3 AZETTLER-AZ973-1C-6DC4D3 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ973-1C-6DC4D3

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
   40 AMP AUTOMOTIVE RELAY
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com