Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP3651U Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP3651U
Description  N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP3651U Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP3651U Datasheet HTML 1Page - Fairchild Semiconductor FDP3651U Datasheet HTML 2Page - Fairchild Semiconductor FDP3651U Datasheet HTML 3Page - Fairchild Semiconductor FDP3651U Datasheet HTML 4Page - Fairchild Semiconductor FDP3651U Datasheet HTML 5Page - Fairchild Semiconductor FDP3651U Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July
2006
©2006 Fairchild Semiconductor Corporation
FDP3651U Rev. A
www.fairchildsemi.com
1
FDP3651U
N-Channel PowerTrench® MOSFET
100V, 80A, 15m
Features
•rDS(on)=13 mΩ(Typ.), VGS = 10V, ID = 40A
•Qg(TOT)=49 nc(Typ.), VGS = 10 V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse/Repetitive Pulse)
Applications
• DC/DC converters and Off-Line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
TO-220AB
FDP SERIES
DRAIN
DRAIN
GATE
SOURCE
(FLANG
E)
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
100
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
80
A
-Pulsed
(Note 1)
220
PD
Power Dissipation
255
W
EAS
Single Pulsed Avalanche Energy
(Note 2)
266
mJ
TJ, TSTG
Operating and Storage Temperature
-55 to 175
°C
TL
Maximum lead temperature soldering purposes,
1/8” from case for 5 seconds
300
°C
RθJA
Thermal Resistance , Junction to Ambient
62
°C/W
RθJC
Thermal Resistance , Junction to Case
0.59
°C/W
Device Marking
Device
Reel Size
Tape Width
Quantity
FDP3651U
FDP3651U
Tube
N/A
50 units


Similar Part No. - FDP3651U

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP3651U ISC-FDP3651U Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP3651U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 80A, 9m?
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com