Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-60T033 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RCY-60T033
Description  ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60T033 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RCY-60T033 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60T033 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Regulation Over Temperature
(-40
°C to +85 °C)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
VO=1.2 V
-
-
-
-
-
-
-
±60 mV
±45 mV
±30 mV
±25 mV
±20 mV
±15 mV
±12 mV
±100 mV
±75 mV
±50 mV
±40 mV
±30 mV
±25 mV
±20mV
Output Current
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
0 A
0 A
0 A
0 A
0 A
0 A
0 A
-
-
-
-
-
-
-
5 A
12 A
15 A
15 A
15 A
15 A
15 A
Current Limit Threshold
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
5.5 A
13.5 A
16 A
16 A
16 A
16 A
16 A
6.5 A
16 A
18 A
18 A
18 A
18 A
18 A
8 A
19 A
20 A
20 A
20 A
20 A
20 A
Short Circuit Surge Transient
-
3 A
2s
5 A
2s
Ripple and Noise (rms)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
25 mV
25 mV
15 mV
12 mV
10 mV
10 mV
10 mV
50 mV
50 mV
30 mV
25 mV
20 mV
20 mV
20 mV
Ripple and Noise (pk-pk)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
100 mV
95 mV
55 mV
55 mV
45 mV
45 mV
45 mV
130 mV
120 mV
80 mV
80 mV
70 mV
70 mV
70 mV
Test conditions: Vin=48
V, Ta=25
°C, with a
1uF ceramic capacitor
and a 10 uF Tantalum
capacitor at the output.
Turn on Time
-
15 mS
30 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2V
0 uF
0 uF
0 uF
0 uF
0 uF
0 uF
0 uF
-
-
-
-
-
-
-
1000 uF
10000 uF
18000 uF
18000 uF
18000 uF
18000 uF
18000 uF


Similar Part No. - 0RCY-60T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T033 BEL-0RCY-60T033 Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
logo
Bel Fuse Inc.
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com