Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-60TV20 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-60TV20
Description  ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60TV20 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-60TV20 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60TV20 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
Isolated
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Fix Frequency (300 kHz)
Remote On/Off Logic (Option)
Low Cost
Input Under Voltage Lockout
UL60950 Recognized (UL/cUL)
Output Voltage Trim
Positive/Negative Remote Sense
Basic Isolation
Description
The 0RCY-60T Series are isolated dc/dc converters that operate from a nominal 48 V source. These units
provide up to 60 W of output power from a nominal 48 V input. These units are designed to be highly efficient
and low cost. Features include remote on/off, short circuit protection, over current protection, over temperature
protection, input under voltage lockout, and output over voltage protection. These converters are provided in an
industry standard eighth brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12.0 V
36 V - 75 V
5 A
60.0 W
91%
0RCY-60T120
0RCY-60T12L
5.0 V
36 V - 75 V
12 A
60.0 W
91%
0RCY-60T050
0RCY-60T05L
3.3 V
36 V - 75 V
15 A
50.0 W
89%
0RCY-60T033
0RCY-60T03L
2.5 V
36 V - 75 V
15 A
37.5 W
87%
0RCY-60T025
0RCY-60T02L
1.8 V
36 V - 75 V
15 A
27 W
85%
0RCY-60TV80
0RCY-60TV8L
1.5 V
36 V - 75 V
15 A
22.5 W
84%
0RCY-60TV50
0RCY-60TV5L
1.2 V
36 V - 75 V
15 A
18 W
82%
0RCY-60TV20
0RCY-60TV2L
Note:
Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-2 V
-
18 V
I/O Isolation Voltage
-
-
2000 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
0RCY-60T Series
RoHS Compliant


Similar Part No. - 0RCY-60TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60TV20 BEL-0RCY-60TV20 Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
logo
Bel Fuse Inc.
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com