Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-C0U025 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RQB-C0U025
Description  ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C0U025 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RQB-C0U025 Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C0U025 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
18 V
48 V
75 V
Input Current (full load)
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
7.0 A
7.0 A
6.0 A
5.5 A
4.0 A
3.5 A
3.0 A
Input Current (no load)
-
100 mA
180 mA
Remote Off Input Current
10 mA
15 mA
Input Reflected Ripple Current (pk-pk)
-
10 mA
20 mA
Input Reflected Ripple Current (rms)
-
2 mA
5 mA
Tested with simulated source impedance
of 10 uH, 5 Hz to 20 MHz BW; use a 100
uF /100 V electrolytic capacitor with ESR
= 1 ohm max. at 200 kHz at 25
°C.
I
2t Inrush Current Transient
-
0.05 A
2s0.1 A2s
Turn-on Voltage Threshold
16.5 V
17.0 V
17.5 V
Turn-off Voltage Threshold
15.5 V
16.0 V
16.5 V
Input over voltage
Lockout
76 V
78 V
80 V
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
11.820 V
4.925 V
3.251 V
2.455 V
1.773 V
1.448 V
1.182 V
12.00 V
5.00 V
3.30 V
2.50 V
1.80 V
1.50 V
1.20 V
12.180 V
5.075 V
3.360 V
2.545 V
1.827 V
1.523 V
1.218 V
Vin=48 V, Io=50% full
load
Line Regulation
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.2 V-1.8 V
-
-
-
-
-
±24 mV
±5 mV
±4 mV
±4 mV
±3mV
±48 mV
±15 mV
±15 mV
±10 mV
±6mV
Load Regulation
VO=12 V
VO=5.0 V
VO=3.3 V -2.5 V
VO=1.2 V -1.8 V
-
-
-
-
±30 mV
±10mV
±8 mV
±5 mV
±60 mV
±20 mV
±15 mV
±10 mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V-1.2 V
-
-
-
-
-
±60 mV
±40 mV
±30 mV
±20 mV
±15 mV
±100 mV
±65 mV
±50 mV
±50 mV
±30 mV


Similar Part No. - 0RQB-C0U025

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U025 BEL-0RQB-C0U025 Datasheet
320Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-C0U025

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com