Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RHB-D0T12L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 0RHB-D0T12L
Description  ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-D0T12L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  0RHB-D0T12L Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 8Page - Bel Fuse Inc. 0RHB-D0T12L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input
1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) are shown below. The Trim Down resistor should be connected
between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the
Vout. Only one of the resistors should be used for any given application.
1.5 V-12 V:
1.2 V:
Notes:
Vo_req=Desired(trimmed) output voltage[V]
Output voltage Vo=3.308 V for 3.3 V output; Vo=5.000 V for 5.0 V; Vo=12.000 V for 12 V output
Efficiency Data
Efficiency Curve
79%
82%
85%
88%
91%
94%
3
5
8
10
13
15
18
20
Output Current (A)
36 V
48 V
75 V
Efficiency Curve
76%
79%
82%
85%
88%
91%
94%
5
1015 20 2530 35 4045 48
Output Current (A)
36 V
48 V
75 V
0RHB-D0T12x
0RHB-D0T05x
Efficiency Curve
76%
79%
82%
85%
88%
91%
94%
10
20
30
40
50
60
70
Output Current (A)
36 V
48 V
75 V
Efficiency Curve
73%
76%
79%
82%
85%
88%
91%
94%
10
20
30
40
50
60
70
80
Output Current (A)
36 V
48 V
75 V
0RHB-D0T03x
0RHB-D0T02x
2
225
.
1
5
.
122
)
100
(
+
=
delta
Vo
delta
Rtrimup
2
100 −
=
delta
Rtrimdown
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup
2
6125
.
0
25
.
61
)
100
(
+
=
delta
Vo
delta
Rtrimup


Similar Part No. - 0RHB-D0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-D0T12L BEL-0RHB-D0T12L Datasheet
423Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RHB-D0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com