Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT4067 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HCT4067
Description  16-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCT4067 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HCT4067 Datasheet HTML 4Page - NXP Semiconductors HCT4067 Datasheet HTML 5Page - NXP Semiconductors HCT4067 Datasheet HTML 6Page - NXP Semiconductors HCT4067 Datasheet HTML 7Page - NXP Semiconductors HCT4067 Datasheet HTML 8Page - NXP Semiconductors HCT4067 Datasheet HTML 9Page - NXP Semiconductors HCT4067 Datasheet HTML 10Page - NXP Semiconductors HCT4067 Datasheet HTML 11Page - NXP Semiconductors HCT4067 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
September 1993
8
Philips Semiconductors
Product specification
16-channel analog
multiplexer/demultiplexer
74HC/HCT4067
Fig.9 Test circuit for measuring ON-state current.
Fig.10 Typical ON-resistance
(RON) as a function of
input voltage (Vis) for
Vis = 0 to VCC − GND.
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
VIH
HIGH level input
voltage
1.5
3.15
4.2
6.3
1.2
2.4
3.2
4.7
1.5
3.15
4.2
6.3
1.5
3.15
4.2
6.3
V
2.0
4.5
6.0
9.0
VIL
LOW level input
voltage
0.8
2.1
2.8
4.3
0.50
1.35
1.80
2.70
0.50
1.35
1.80
2.70
0.50
1.35
1.80
2.70
V
2.0
4.5
6.0
9.0
±II
input leakage
current
0.1
0.2
1.0
2.0
1.0
2.0
µA
6.0
10.0
VCC
or
GND
±IS
analog switch
OFF-state current
per channel
0.1
1.0
1.0
µA
10.0
VIH
or
VIL
V
S =
VCC − GND
(see Fig.8)
±IS
analog switch
OFF-state current
all channels
0.8
8.0
8.0
µA
10.0
VIH
or
VIL
V
S =
VCC − GND
(see Fig.9)
±IS
analog switch
ON-state current
0.8
8.0
8.0
µA
10.0
VIH
or
VIL
V
S =
VCC − GND
(see Fig.9)
ICC
quiescent supply
current
8.0
16.0
80.0
160
160
320
µA
6.0
10.0
VCC
or
GND
Vis = GND
or VCC;
Vos =VCC
or GND


Similar Part No. - HCT4067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT4066QPWRG4Q1 TI1-HCT4066QPWRG4Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
More results

Similar Description - HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com