Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-C5TV5L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RQB-C5TV5L
Description  ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C5TV5L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RQB-C5TV5L Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-C5TV5L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=12 V
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
90%
89%
88%
87%
85%
82%
80%
93%
92.5%
91%
90.5%
88%
85%
83%
-
-
-
-
-
-
-
Vin=48 V, full load , Ta=25
°C
Switching Frequency
280 kHz
330 kHz
380 kHz
Isolation capacitance
-
1500 pF
-
Input to Output Isolation Voltage
-
-
2000 V
Remote Sense Compesation
-
-
10% Vo
Output Voltage Trim Range
80% Vo
-
110% Vo
The total voltage increased by trim and
remote sense should not exceed
10%Vo.
Over Temperature Protection
-
125
°C
-
Over Voltage Protection
-
130% Vo
-
Vin=48V, full load, Hiccup mode
MTBF
TBD
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches
millimeters
2.30 x 1.45 x 0.395
58.42 x 36.83 x 10.03
Weight
-
41 g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
0RQB-C5TxxL. The remote
on/off pin open, Unit off.
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
0RQB-C5Txx0. The remote
on/off pin open, Unit on.
Current Sink
0 mA
-
0.75 mA


Similar Part No. - 0RQB-C5TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5TV5L BEL-0RQB-C5TV5L Datasheet
514Kb / 15P
   ISOLATED DC/DC CONVERTERS
0RQB-C5TV5L BEL-0RQB-C5TV5L Datasheet
681Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-C5TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
X7AH-01C BEL-X7AH-01C Datasheet
144Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com