Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5ETP1 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 5ETP1
Description  Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5ETP1 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  5ETP1 Datasheet HTML 1Page - Bel Fuse Inc. 5ETP1 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
10000
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
Type 5ET / 5ETP
Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
5ETC0405
5 x 20mm Glass Tube
5ET / 5ETP - TIME CURRENT CHARACTERISTIC CURVE
52
RoHS Compliant
W5ETC0405-A2


Similar Part No. - 5ETP1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET1-R BEL-5ET1-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET1.25-R BEL-5ET1.25-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET1.6-R BEL-5ET1.6-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET10-R BEL-5ET10-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
More results

Similar Description - 5ETP1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET_13 Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES(HIGH SURGE-PROOF,ENHANCED-BREAKING CAPACITY)
5VT BEL-5VT Datasheet
93Kb / 2P
   Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5VT BEL-5VT_13 Datasheet
1Mb / 4P
   Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
   Time-lag Fuse Series (High - Breaking Capacity)
0659C BEL-0659C Datasheet
2Mb / 4P
   Time - lag Fuse Series (High-Breaking Capacity)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5ST BEL-5ST Datasheet
99Kb / 2P
   Time-lag Fuse Series (Low Breaking Capacity)
0659C1000-XX BEL-0659C1000-XX Datasheet
619Kb / 4P
   Type 0659C / 0659P Time-lag Fuse Series (High -Breaking Capacity)
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com