Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483JR-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADM483JR-REEL
Description  5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483JR-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM483JR-REEL Datasheet HTML 4Page - Analog Devices ADM483JR-REEL Datasheet HTML 5Page - Analog Devices ADM483JR-REEL Datasheet HTML 6Page - Analog Devices ADM483JR-REEL Datasheet HTML 7Page - Analog Devices ADM483JR-REEL Datasheet HTML 8Page - Analog Devices ADM483JR-REEL Datasheet HTML 9Page - Analog Devices ADM483JR-REEL Datasheet HTML 10Page - Analog Devices ADM483JR-REEL Datasheet HTML 11Page - Analog Devices ADM483JR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM483
Rev. 0 | Page 8 of 16
SWITCHING CHARACTERISTICS
3V
0V
5V
0V
A
B
VO
tR
tF
tPLH
tPHL
90% POINT
10% POINT
90% POINT
10% POINT
tSKEW = |tPLH –tPHL|
1/2VO
1.5V
1.5V
Figure 9. Driver Propagation Delay, Rise/Fall Timing
tSKEW = |tPLH –tPHL|
1.5V
1.5V
tPLH
tPHL
RO
VOH
0V
A, B
0V
VOL
Figure 10. Receiver Propagation Delay
A, B
A, B
DE
3V
0V
0V
VOH
VOL
1.5V
tLZ
tZL
1.5V
tHZ
tZH
2.3V
2.3V
VOL +0.5V
VOH –0.5V
Figure 11. Driver Enable/Disable Timing
R
R
RE
3V
0V
0V
VOH
VOL
1.5V
tLZ
tZL
1.5V
tHZ
tZH
1.5V
1.5V
VOL +0.5V
VOH –0.5V
O/P HIGH
O/P LOW
Figure 12. Receiver Enable/Disable Timing


Similar Part No. - ADM483JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
310Kb / 16P
   5V Low Power, Slew-Rate Limited
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
310Kb / 16P
   5V Low Power, Slew-Rate Limited
REV. 0
More results

Similar Description - ADM483JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com