Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5MT3.5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5MT3.5
Description  Medium Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5MT3.5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5MT3.5 Datasheet HTML 1Page - Bel Fuse Inc. 5MT3.5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
it
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
0
1
)
P
(
T
M
5R
-A
m
0
0
10
0
.
2
17
.
12
0
.
04
0
.
00
3
.
0
5
2
1
)
P
(
T
M
5R
-A
m
5
2
17
8
.
74
.
14
0
.
07
0
.
02
3
.
0
0
6
1
)
P
(
T
M
5R
-A
m
0
6
17
1
.
52
.
16
0
.
01
1
.
04
3
.
0
0
0
2
)
P
(
T
M
5R
-A
m
0
0
29
3
.
30
.
11
1
.
08
1
.
06
3
.
0
0
5
2
)
P
(
T
M
5R
-A
m
0
5
22
2
.
22
7
8
.
08
1
.
00
3
.
08
3
.
0
0
0
3
)
P
(
T
M
5R
-A
m
0
0
36
4
.
18
3
7
.
01
3
.
00
5
.
07
3
.
0
5
7
3
)
P
(
T
M
5R
-A
m
5
7
36
0
.
19
4
6
.
07
4
.
05
7
.
00
4
.
0
0
0
5
)
P
(
T
M
5R
-A
m
0
0
58
2
6
.
09
2
5
.
08
8
.
04
.
13
4
.
0
0
0
6
)
P
(
T
M
5R
-A
m
0
0
62
1
4
.
08
4
4
.
05
.
13
.
25
4
.
0
0
0
7
)
P
(
T
M
5R
-A
m
0
0
70
2
3
.
00
0
4
.
02
.
25
.
28
4
.
0
0
5
7
)
P
(
T
M
5R
-A
m
0
5
76
9
2
.
02
9
3
.
03
.
25
.
39
4
.
0
0
0
8
)
P
(
T
M
5R
-A
m
0
0
80
3
2
.
00
2
3
.
08
.
32
.
49
4
.
0
1
)
P
(
T
M
5R
-A
17
7
1
.
01
2
3
.
02
.
44
.
69
4
.
0
5
2
.
1
)
P
(
T
M
5R
-A
5
2
.
10
1
1
.
02
7
2
.
02
.
71
12
5
.
0
6
.
1
)
P
(
T
M
5R
-A
6
.
16
7
0
.
00
3
2
.
02
18
15
5
.
0
2
)
P
(
T
M
5R
-A
25
5
0
.
05
9
1
.
00
29
29
5
.
0
5
.
2
)
P
(
T
M
5R
-A
5
.
29
3
0
.
03
8
1
.
05
39
45
6
.
0
3
)
P
(
T
M
5R
-A
35
3
0
.
02
7
1
.
08
52
84
7
.
0
5
.
3
)
P
(
T
M
5R
-A
5
.
36
2
0
.
07
6
1
.
06
75
0
14
8
.
0
4
)
P
(
T
M
5R
-A
42
2
0
.
02
6
1
.
09
96
3
11
9
.
0
5
)
P
(
T
M
5R
-A
57
1
0
.
02
5
1
.
07
6
16
2
21
.
1
6
)
P
(
T
M
5R
-A
65
1
0
.
08
4
1
.
05
1
38
2
43
.
1
7
)
P
(
T
M
5R
-A
73
1
0
.
05
2
1
.
00
5
79
5
0
11
.
2
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
e
li
F
d
e
t
si
L.
o
N4
2
6
0
2
E
e
li
F
d
e
if
it
r
e
C.
o
N2
7
7
9
3
R
L
T
M
5/
P
T
M
5
0
0
1A
m . -0
80
V
0
5
2
/
A
mC
AA
5
3
@
A
1 .
/
A
3
-V
0
5
2C
AA
0
0
1
@
C
A
V
5
2
1
/
A
5
-
A
m
0
0
1A
0
0
0
,
0
1
@
e
li
F.
o
N,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
T
M
5/
P
T
M
5
A
1 . -V
5
2
1
/
A
5C
AA
0
0
5
@
e
li
F2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
NT
M
5A
5
> .
V
5
2
1
/
A
5
1
-C
AA
0
0
3
@
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2A
/
Nc
e
S
5
1
%
0
0
0
10
1c
e
S
mA
/
N
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
Consult manufacturer for other ratings
Mechanical Dimensions
Type 5MT / 5MTP
Medium Blow Fuse Series
5 x 20mm Glass Tube
5MTD1005
E5MTD1005A1
ußpc
5MTP
5MT
55
Approvals
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire :
Tin plated Copper,
Diameter 0.032", 5A and less
Diameter 0.040", 6A and above
Marking:
On fuse:
“bel”, “5MT”,“Current Rating”, “Voltage Rating”,
“Appropriate Safety Logos”, “✔” (RoHS Version)
On label:
“bel”, “5MT”or “5MTP”,“Current Rating”,“Voltage
Rating”,“Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Voltage on fuse:
250V for 100mA to 3A; 125V for rating bove 3A
Packaging
1. In bulk:
5MT - 1,000 pcs per box; 5MTP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 63.5mm inside Tape Spacing
u
p
ß
Electrical Characteristics (UL/CSA STD. 248-14)
RoHS Compliant


Similar Part No. - 5MT3.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MT3.5-R BEL-5MT3.5-R Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
More results

Similar Description - 5MT3.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MT BEL-5MT_13 Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
5MT BEL-5MT_16 Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
5MF BEL-5MF Datasheet
94Kb / 2P
   Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
5MF BEL-5MF_16 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
0678L BEL-0678L Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Medium Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
   Square Ceramic Surface Mount Medium Blow Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com