Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3434IFE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3434IFE
Description  High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434IFE Datasheet(HTML) 1 Page - Linear Technology

  LT3434IFE Datasheet HTML 1Page - Linear Technology LT3434IFE Datasheet HTML 2Page - Linear Technology LT3434IFE Datasheet HTML 3Page - Linear Technology LT3434IFE Datasheet HTML 4Page - Linear Technology LT3434IFE Datasheet HTML 5Page - Linear Technology LT3434IFE Datasheet HTML 6Page - Linear Technology LT3434IFE Datasheet HTML 7Page - Linear Technology LT3434IFE Datasheet HTML 8Page - Linear Technology LT3434IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3434
1
3434f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
High Voltage Power Conversion
14V and 42V Automotive Systems
Industrial Power Systems
Distributed Power Systems
Battery-Powered Systems
Wide Input Range: 3.3V to 60V
3A Peak Switch Current
Burst Mode
® Operation: 100µA Quiescent Current**
Low Shutdown Current: IQ < 1µA
Power Good Flag with Programmable Threshold
Load Dump Protection to 60V
200kHz Switching Frequency
Saturating Switch Design: 0.1Ω
Peak Switch Current Maintained Over
Full Duty Cycle Range*
1.25V Feedback Reference Voltage
Easily Synchronizable
Soft-Start Capability
Small 16-Pin Thermally Enhanced TSSOP Package
High Voltage 3A, 200kHz
Step-Down Switching Regulator
with 100µA Quiescent Current
The LT
®3434 is a 200kHz monolithic buck switching
regulator that accepts input voltages up to 60V. A high
efficiency 3A, 0.1Ω switch is included on the die along with
all the necessary oscillator, control and logic circuitry.
Current mode topology is used for fast transient response
and good loop stability.
Innovative design techniques integrated in a new high
voltage process achieve high efficiency over a wide input
range. Efficiency is maintained over a wide output current
range by employing Burst Mode operation at low currents,
utilizing the output to bias the internal circuitry, and by
using a supply boost capacitor to fully saturate the power
switch. Patented circuitry maintains peak switch current
over the full duty cycle range.* Shutdown reduces input
supply current to less than 1µA. External synchronization
can be implemented by driving the SYNC pin with logic-level
inputs. A single capacitor from the CSS pin to the output
provides a controlled output voltage ramp (soft-start). The
device also has a power good flag with a programmable
threshold and time-out, and thermal shutdown protection.
The LT3434 is available in a 16-pin TSSOP package with
exposed pad leadframe for low thermal resistance.
14V to 3.3V Step-Down Converter with
100µA No Load Quiescent Current
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (A)
0.0001
0
25
0.001
0.01
0.1
1
3434 TA02b
100
50
75
0.001
0.01
10
0.1
1
10
VOUT = 5V
VOUT = 3.3V
TYPICAL POWER
LOSS
EFFICIENCY
VIN = 12V
L = 33µH
COUT = 100µF
Supply Current vs
Input Voltage
INPUT VOLTAGE (V)
0
0
50
100
10
20
30
40
3434 TA02a
50
150
25
75
125
60
VOUT = 3.3V
VIN
SHDN
VC
VBIAS
FB
PGFB
PG
LT3434
4.7µF
100V
CER
470pF
0.68µF
0.1µF
33µH
4148
1µF
SYNC
CT
GND
100µF
6.3V
TANT
VOUT
3.3V
2A
VIN
30MQ100
4700pF
10k
165k
1%
100k
1%
3434 TA01
27pF
SW
BOOST
CSS
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Burst Mode is a registered
trademark of Linear Technology Corporation. *Protected by U.S. Patents including
6498466. **See Burst Mode Operation section for conditions.


Similar Part No. - LT3434IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3434 LINER-LT3434 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3434 LINER-LT3434 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results

Similar Description - LT3434IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com