Electronic Components Datasheet Search |
|
5MTP200 Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
5MTP200 Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 2 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com Website: www.belfuse.com ORDERING INFORMATION SEE LAST 2 PAGES g o l a t a C r e b m u N S H o R x if f u S e r e p m A g n it a R l a c i p y T d l o C e c n a t s i s e R ) m h o ( p o r d - tl o V % 0 0 1 @ n I . x a m ) tl o V ( I g n it l e M 2T c e S m 0 1 < A ( 2 ) c e S I g n it l e M 2T 0 1 @ n I A ( 2 ) c e S m u m i x a M r e w o P n o it a p i s s i D ) W ( 0 0 1 ) P ( T M 5R -A m 0 0 10 0 . 2 17 . 12 0 . 04 0 . 00 3 . 0 5 2 1 ) P ( T M 5R -A m 5 2 17 8 . 74 . 14 0 . 07 0 . 02 3 . 0 0 6 1 ) P ( T M 5R -A m 0 6 17 1 . 52 . 16 0 . 01 1 . 04 3 . 0 0 0 2 ) P ( T M 5R -A m 0 0 29 3 . 30 . 11 1 . 08 1 . 06 3 . 0 0 5 2 ) P ( T M 5R -A m 0 5 22 2 . 22 7 8 . 08 1 . 00 3 . 08 3 . 0 0 0 3 ) P ( T M 5R -A m 0 0 36 4 . 18 3 7 . 01 3 . 00 5 . 07 3 . 0 5 7 3 ) P ( T M 5R -A m 5 7 36 0 . 19 4 6 . 07 4 . 05 7 . 00 4 . 0 0 0 5 ) P ( T M 5R -A m 0 0 58 2 6 . 09 2 5 . 08 8 . 04 . 13 4 . 0 0 0 6 ) P ( T M 5R -A m 0 0 62 1 4 . 08 4 4 . 05 . 13 . 25 4 . 0 0 0 7 ) P ( T M 5R -A m 0 0 70 2 3 . 00 0 4 . 02 . 25 . 28 4 . 0 0 5 7 ) P ( T M 5R -A m 0 5 76 9 2 . 02 9 3 . 03 . 25 . 39 4 . 0 0 0 8 ) P ( T M 5R -A m 0 0 80 3 2 . 00 2 3 . 08 . 32 . 49 4 . 0 1 ) P ( T M 5R -A 17 7 1 . 01 2 3 . 02 . 44 . 69 4 . 0 5 2 . 1 ) P ( T M 5R -A 5 2 . 10 1 1 . 02 7 2 . 02 . 71 12 5 . 0 6 . 1 ) P ( T M 5R -A 6 . 16 7 0 . 00 3 2 . 02 18 15 5 . 0 2 ) P ( T M 5R -A 25 5 0 . 05 9 1 . 00 29 29 5 . 0 5 . 2 ) P ( T M 5R -A 5 . 29 3 0 . 03 8 1 . 05 39 45 6 . 0 3 ) P ( T M 5R -A 35 3 0 . 02 7 1 . 08 52 84 7 . 0 5 . 3 ) P ( T M 5R -A 5 . 36 2 0 . 07 6 1 . 06 75 0 14 8 . 0 4 ) P ( T M 5R -A 42 2 0 . 02 6 1 . 09 96 3 11 9 . 0 5 ) P ( T M 5R -A 57 1 0 . 02 5 1 . 07 6 16 2 21 . 1 6 ) P ( T M 5R -A 65 1 0 . 08 4 1 . 05 1 38 2 43 . 1 7 ) P ( T M 5R -A 73 1 0 . 05 2 1 . 00 5 79 5 0 11 . 2 s l a v o r p p A y c n e g A y t e f a Se p y Ty t il i b a . R . I @ t l o V / e g n a r p m A e li F d e t si L. o N4 2 6 0 2 E e li F d e if it r e C. o N2 7 7 9 3 R L T M 5/ P T M 5 0 0 1A m . -0 80 V 0 5 2 / A mC AA 5 3 @ A 1 . / A 3 -V 0 5 2C AA 0 0 1 @ C A V 5 2 1 / A 5 - A m 0 0 1A 0 0 0 , 0 1 @ e li F. o N, 1 0 0 1 - 3 0 0 1 3 - 7 3 0 1 T E J 3 0 0 1 - 3 0 0 1 3 - 7 3 0 1 T E J T M 5/ P T M 5 A 1 . -V 5 2 1 / A 5C AA 0 0 5 @ e li F2 0 0 1 - 3 0 0 1 3 - 7 3 0 1 T E J . o NT M 5A 5 > . V 5 2 1 / A 5 1 -C AA 0 0 3 @ t n e r r u c g n it s e T e m i T w o l B m u m i n i Mm u m i x a M % 0 0 1.s r H 4A / N % 5 3 1A / Nr H 1 % 0 0 2A / Nc e S 5 1 % 0 0 0 10 1c e S mA / N 0.787" ± 0.02" (20 ± 0.5mm) 0.20" ± 0.004" (5.1 ± 0.1mm) 0.827" ± 0.02" (21.0 ± 0.5mm) 1.5" ± 0.08" (38.1 ± 2mm) 0.217" ± 0.004" (5.5 ± 0.1mm) SEE LEAD SIZE LISTED IN “ MATERIAL” Consult manufacturer for other ratings Mechanical Dimensions Type 5MT / 5MTP Medium Blow Fuse Series 5 x 20mm Glass Tube 5MTD1005 E5MTD1005A1 ußpc 5MTP 5MT 55 Approvals RoHS Compliant Product For RoHS Compliant Version, add suffix “R” after catalog number Operating Temperature -55ºC to +125ºC Physical Specification Materials Glass body / Nickel Plated Brass Caps Lead wire : Tin plated Copper, Diameter 0.032", 5A and less Diameter 0.040", 6A and above Marking: On fuse: “bel”, “5MT”,“Current Rating”, “Voltage Rating”, “Appropriate Safety Logos”, “✔” (RoHS Version) On label: “bel”, “5MT”or “5MTP”,“Current Rating”,“Voltage Rating”,“Interrupting Rating”,“Appropriate Safety Logos” and “ ”+ suffix “R” for RoHS Version Voltage on fuse: 250V for 100mA to 3A; 125V for rating bove 3A Packaging 1. In bulk: 5MT - 1,000 pcs per box; 5MTP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3.Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 63.5mm inside Tape Spacing u p ß Electrical Characteristics (UL/CSA STD. 248-14) RoHS Compliant |
Similar Part No. - 5MTP200 |
|
Similar Description - 5MTP200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |