Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07HB-D0T120 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 07HB-D0T120
Description  ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07HB-D0T120 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  07HB-D0T120 Datasheet HTML 1Page - Bel Fuse Inc. 07HB-D0T120 Datasheet HTML 2Page - Bel Fuse Inc. 07HB-D0T120 Datasheet HTML 3Page - Bel Fuse Inc. 07HB-D0T120 Datasheet HTML 4Page - Bel Fuse Inc. 07HB-D0T120 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/60A, 5V/40A, 12V/17A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=12.0V
VO=5.0V
VO=3.3V
90%
90%
89%
93%
93%
92%
-
-
-
Vin=48V, full load , Ta=25
°C
Switching Frequency
280KHz
315KHz
350KHz
Isolation capacitance
-
1500pF
-
Output Voltage Trim Range
80%Vo
-
110%Vo
Over Temperature Protection
-
125
°C
-
Over Voltage Protection
117%Vo
122%Vo
127%Vo
MTBF
TBD
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches
millimeters
2.28 x 2.4 x 0.42
57.51 x 60.98 x 10.67
Weight
-
76g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3V
-
0.8V
Signal High (Unit Off)
Active Low
2.4V
-
18V
07HB-D0TxxL. The remote
on/off pin open, Unit on.
Signal Low (Unit Off)
-0.3V
-
0.8V
Signal High (Unit On)
Active High
2.4V
-
18V
07HB-D0Txx0. The remote
on/off pin open, Unit on.
Current Sink
0mA
-
0.75mA
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) are shown below. The Trim Down resistor should be connected
between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the
Vout. Only one of the resistors should be used for any given application.
Notes:
Vo_req=Desired(trimmed) output voltage[V]
Output voltage Vo=3.308V for 3.3V output; Vo=5.000V for 5.0V; Vo=12.000V for 12V output
[]
+
=
k
delta
Vo
delta
Rtrimup
2
225
.
1
5
.
122
)
100
(
[]
=
k
delta
Rtrimdown
2
100
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - 07HB-D0T120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07HR-6S-P-N ETC2-07HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HR-8M-P-N ETC2-07HR-8M-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
07HVP-101X-51 ETC2-07HVP-101X-51 Datasheet
200Kb / 1P
   For High Voltages
07HVP-102X-51 ETC2-07HVP-102X-51 Datasheet
200Kb / 1P
   For High Voltages
More results

Similar Description - 07HB-D0T120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07QB-C5T BEL-07QB-C5T Datasheet
196Kb / 8P
   ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com