Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07HB-D0T12L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 07HB-D0T12L
Description  ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07HB-D0T12L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  07HB-D0T12L Datasheet HTML 1Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 2Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 3Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 4Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/60A, 5V/40A, 12V/17A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=12.0V
VO=5.0V
Vo=3.3V
11.820V
4.925V
3.250V
12.0V
5.0V
3.3V
12.180V
5.075V
3.350V
Vin=48V, Io=50% full
load, Ta=25
°C.
Line Regulation
VO=12.0V
VO=5.0V
VO=3.3V
-
-
-
±12mV
±5mV
±3mV
±24mV
±10mV
±7mV
Load Regulation
VO=12.0V
VO=5.0V
VO=3.3V
-
-
-
±30mV
±10mV
±7mV
±60mV
±20mV
±15mV
Regulation Over Temperature (-40
°C to +85°C)
VO=12.0V
VO=5.0V
VO=3.3V
-
-
-
±60mV
±45mV
±30mV
±100mV
±75mV
±50mV
Output Current
VO=12.0V
VO=5.0V
VO=3.3V
0A
0A
0A
-
-
-
17A
40A
60A
Current Limit Threshold
VO=12.0V
VO=5.0V
VO=3.3V
20A
48A
72A
24A
54A
81A
28A
60A
90A
Short Circuit Surge Transient
-
3A
2s
5A
2s
Ripple and Noise (RMS)
VO=12.0V
VO=5.0V
VO=3.3V
-
-
-
25mV
25mV
15mV
50mV
50mV
30mV
Ripple and Noise (pk-pk)
VO=12.0V
VO=5.0V
VO=3.3V
-
-
-
100mV
100mV
55mV
150mV
150mV
100mV
Test conditions:
0-20MHz BW, with a
1uF ceramic capacitor
and a 10uF Tantalum
capacitor at the output.
Turn on Time
-
15mS
30mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
VO=12.0V
VO=5.0V
VO=3.3V
0uF
0uF
0uF
-
-
-
1000uF
10000uF
20000uF
Transient Response
Overshoot
-
200mV
400mV
25% ~ 50%
Max Load
Settling Time
-
250uS
400uS
Overshoot
-
200mV
400mV
50% ~ 25%
Max Load
Settling Time
VO=12.0V
-
250uS
400uS
Overshoot
-
150mV
300mV
25% ~ 50%
Max Load
Settling Time
-
200uS
300uS
Overshoot
-
150mV
300mV
50% ~ 25%
Max Load
Settling Time
VO=5.0V
-
200uS
300uS
Overshoot
-
100mV
200mV
25% ~ 50%
Max Load
Settling Time
-
200uS
300uS
Overshoot
-
100mV
200mV
50% ~ 25%
Max Load
Settling Time
VO=3.3V
-
200uS
300uS
Test conditions: di/dt =
0.1A/uS, Vin=48V,
Ta=25
°C with a 1uF
ceramic capacitor and
a 10uF Tantalum
capacitor at the output.
Note:
All specifications are typical at nominal input, full load at 25
°C unless noted.


Similar Part No. - 07HB-D0T12L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07HR-6S-P-N ETC2-07HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HR-8M-P-N ETC2-07HR-8M-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
07HVP-101X-51 ETC2-07HVP-101X-51 Datasheet
200Kb / 1P
   For High Voltages
07HVP-102X-51 ETC2-07HVP-102X-51 Datasheet
200Kb / 1P
   For High Voltages
More results

Similar Description - 07HB-D0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07QB-C5T BEL-07QB-C5T Datasheet
196Kb / 8P
   ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com