Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07HB-D0T12L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 07HB-D0T12L
Description  ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07HB-D0T12L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  07HB-D0T12L Datasheet HTML 1Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 2Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 3Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 4Page - Bel Fuse Inc. 07HB-D0T12L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/60A, 5V/40A, 12V/17A Output
Isolated
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Excellent Thermal Performance
Remote On/Off
Low Cost
Output Voltage Trim
Input Under Voltage Lockout
Positive/Negative Remote Sense
Fixed frequency(315KHz)
Description
The 07HB-D0T Series are isolated DC/DC converters that operate from a nominal 48V source. These units
provide up to 200W of output power from a nominal 48V input. These units are designed to be highly efficient
and low cost. Features include remote on/off, over current protection and under voltage lockout. These
converters are provided in an industry standard half-brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12.0V
48V
17A
200W
93%
07HB-D0T120
07HB-D0T12L
5.0V
48V
40A
200W
93%
07HB-D0T050
07HB-D0T05L
3.3V
48V
60A
200W
92%
07HB-D0T033
07HB-D0T03L
Note:
Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
80V
Remote On/Off
-0.3V
-
18V
I/O Isolation Voltage
-
-
2000V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36V
48V
75V
Input Current (full load)
-
-
6.4A
Input Current (no load)
-
120mA
180mA
Remote Off Input Current
5mA
10mA
Input Reflected Ripple Current (pk-pk)
-
20mA
40mA
Input Reflected Ripple Current (RMS)
-
5mA
10mA
Tested with simulated source impedance
of 10uH, 5Hz to 20MHz; use a
100uF/100V electrolytic capacitor with
ESR = 1 ohm max. at 200KHz at 25
°C.
I
2t Inrush Current Transient
-
0.05A
2s
0.1A
2s
Turn-on Voltage Threshold
32V
34V
35V
Turn-off Voltage Threshold
30V
32V
33V
07HB-D0T Series
PRELIMINARY


Similar Part No. - 07HB-D0T12L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07HR-6S-P-N ETC2-07HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HR-8M-P-N ETC2-07HR-8M-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
07HVP-101X-51 ETC2-07HVP-101X-51 Datasheet
200Kb / 1P
   For High Voltages
07HVP-102X-51 ETC2-07HVP-102X-51 Datasheet
200Kb / 1P
   For High Voltages
More results

Similar Description - 07HB-D0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07QB-C5T BEL-07QB-C5T Datasheet
196Kb / 8P
   ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com