Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07LC-25T033 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # 07LC-25T033
Description  ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07LC-25T033 Datasheet(HTML) 7 Page - Bel Fuse Inc.

  07LC-25T033 Datasheet HTML 1Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 2Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 3Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 4Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 5Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 6Page - Bel Fuse Inc. 07LC-25T033 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
©2004 Bel Fuse Inc. Specifications subject to change without notice. 120704
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel 201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
Pin Connections
Pin
Function
1
Vin+
2
Vin-
3
Remote On/Off
4
Vo+
5
Vo-
6
Trim


Similar Part No. - 07LC-25T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07LC-10T050 BEL-07LC-10T050 Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07LC-10T120 BEL-07LC-10T120 Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07LC-10T240 BEL-07LC-10T240 Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
More results

Similar Description - 07LC-25T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07HB-D0T BEL-07HB-D0T Datasheet
134Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
   Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Bel Fuse Inc.
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com