Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4316N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT4316N
Description  Quad bilateral switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4316N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4316N Datasheet HTML 5Page - NXP Semiconductors 74HCT4316N Datasheet HTML 6Page - NXP Semiconductors 74HCT4316N Datasheet HTML 7Page - NXP Semiconductors 74HCT4316N Datasheet HTML 8Page - NXP Semiconductors 74HCT4316N Datasheet HTML 9Page - NXP Semiconductors 74HCT4316N Datasheet HTML 10Page - NXP Semiconductors 74HCT4316N Datasheet HTML 11Page - NXP Semiconductors 74HCT4316N Datasheet HTML 12Page - NXP Semiconductors 74HCT4316N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
September 1993
9
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4316
DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0)
Note
1. The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given here.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
VIH
HIGH level
input voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level
input voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
±I
I
input leakage
current
0.1
1.0
1.0
µA
5.5
0
VCC
or
GND
±IS
analog switch
OFF-state
current
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see Fig.10)
±IS
analog switch
ON-state
current
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see Fig.11)
ICC
quiescent
supply current
8.0
16.0
80.0
160.0
160.0
320.0
µA
5.5
5.0
0
−5.0
VCC
or
GND
Vis =VEE
or VCC;
VOS =VCC
or VEE
∆ICC
additional
quiescent
supply current
per input pin for
unit load
coefficient is 1
(note 1)
100
360
450
490
µA
4.5
to
5.5
0
VCC
−2.1 V
other inputs
at VCC or
GND
INPUT
UNIT LOAD COEFFICIENT
nS
E
0.50
0.50


Similar Part No. - 74HCT4316N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4316 NXP-74HCT4316 Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74HCT4316 NEXPERIA-74HCT4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4316D NEXPERIA-74HCT4316D Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4316PW NEXPERIA-74HCT4316PW Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
More results

Similar Description - 74HCT4316N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com