Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S556-1060-01 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S556-1060-01
Description  HIGH SPEED LAN MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S556-1060-01 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S556-1060-01 Datasheet HTML 1Page - Bel Fuse Inc. S556-1060-01 Datasheet HTML 2Page - Bel Fuse Inc. S556-1060-01 Datasheet HTML 3Page - Bel Fuse Inc. S556-1060-01 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
APPLICATION NOTES
• 0556-1060-00 is for use with 0558-1060-00 and the S556-1060-01 is for use with S558-1060-01.
• These Bel designs are for use with Microlinear 100 Mbps and various 10Base-T PHY devices that may require
external filtering. Microlinear provides the following recommendations:
Internal
Internal
MAC
Microlinear
MII
SYM
10 BT
10 BT Filters
7-Wire
DEC21140
6692, 2653


DEC21142
6692

DEC21143
6698


AM79C971
6692


I82557
6692, 2653
*
MC91C100
6692, 2653

MX98713
6698



TNETE100
6692


*I82557 muxes the MII and the 7-wire signals.
• Vcc operating voltage of the Bel magnetics modules is recommended to be 5 volts, +/-5%.
• Two 1ký resistors are recommended to provide bias voltage to the Microlinear chipset.
• 0.1µF DC blocking capacitors are recommended to provide isolation between the 10 Mbps and 100 Mbps PHY
transceivers.
960016B
HIGHSPEEDLANMAGNETICS


Similar Part No. - S556-1060-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
S556-2793-00 BEL-S556-2793-00 Datasheet
223Kb / 2P
   10BASE-T/FIBER APPLICATION FILTER MODULE
S556-2793-00 BEL-S556-2793-00 Datasheet
78Kb / 4P
   10BASE-T LAN MAGNETICS
S556-2793-01 BEL-S556-2793-01 Datasheet
223Kb / 2P
   10BASE-T/FIBER APPLICATION FILTER MODULE
S556-5841-09 BEL-S556-5841-09 Datasheet
340Kb / 2P
   10BASE-TNETWORKCOMPONENTS
More results

Similar Description - S556-1060-01

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM3 XFMRS-XFATM3 Datasheet
79Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
56Kb / 1P
   HIGH SPEED LAN MAGNETICS
logo
Bel Fuse Inc.
S558-5999-92 BEL-S558-5999-92 Datasheet
346Kb / 2P
   HIGH SPEED LAN MAGNETICS
S553-3873-23 BEL-S553-3873-23 Datasheet
313Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-1287-00 BEL-S558-1287-00 Datasheet
520Kb / 4P
   HIGH SPEED LAN MAGNETICS
S558-5999-03 BEL-S558-5999-03 Datasheet
295Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-5999-29 BEL-S558-5999-29 Datasheet
796Kb / 6P
   HIGH SPEED LAN MAGNETICS
S558-5999-37 BEL-S558-5999-37 Datasheet
276Kb / 2P
   HIGH SPEED LAN MAGNETICS
logo
XFMRS Inc.
XFATM6 XFMRS-XFATM6 Datasheet
49Kb / 1P
   HIGH SPEED LAN MAGNETICS
XFATM3M XFMRS-XFATM3M Datasheet
80Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
48Kb / 1P
   HIGH SPEED LAN MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com