Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1232ABS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP1232ABS
Description  CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP1232ABS Datasheet(HTML) 3 Page - Exar Corporation

  MP1232ABS Datasheet HTML 1Page - Exar Corporation MP1232ABS Datasheet HTML 2Page - Exar Corporation MP1232ABS Datasheet HTML 3Page - Exar Corporation MP1232ABS Datasheet HTML 4Page - Exar Corporation MP1232ABS Datasheet HTML 5Page - Exar Corporation MP1232ABS Datasheet HTML 6Page - Exar Corporation MP1232ABS Datasheet HTML 7Page - Exar Corporation MP1232ABS Datasheet HTML 8Page - Exar Corporation MP1232ABS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP1230A/31A/32A
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
12
12
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
MP1230ABN/ATD/ABS
+1/2
+1/2
MP1231ABN/ATD/ABS
+1+1
MP1232ABN/ATD/ABS
+2+2
Differential Non-Linearity
DNL
LSB
MP1230ABN/ATD/ABS
+3/4
+3/4
MP1231ABN/ATD/ABS
+1+1
MP1232ABN/ATD/ABS
+2+2
Gain Error
GE
+0.4
+0.4
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
0.5
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
5
+20
+20
ppm/%
|∆Gain/∆VDD| ∆VDD = + 0.25V
Output Leakage Current
IOUT
1+10
+200
nA
DYNAMIC PERFORMANCE2
RL=100Ω, CL=13pF
Current Settling Time
tS
1.0
µsec
Full Scale Change to 1/2 LSB
AC Feedthrough at IOUT1
FT
1.0
mV p-p
VREF=100kHz, 20Vp-p, sinewave
REFERENCE INPUT
Input Resistance
RIN
5
10
20
5
20
k
DIGITAL INPUTS
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+1
µAVIN = 0, 5 V
Input Capacitance2
10
pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
80
100
100
pF
DAC Inputs all 1’s
COUT1
40
60
60
pF
DAC Inputs all 0’s
COUT2
65
85
85
pF
DAC Inputs all 1’s
COUT2
25
45
45
pF
DAC Inputs all 0’s
POWER SUPPLY
Functional Voltage Range4
VDD
+4.5
+16
+4.5
+16
V
Supply Current
IDD
1.2
2.0
2.0
mA
All digital inputs = 0 V or all = 5 V


Similar Part No. - MP1232ABS

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP120 CTS-MP120 Datasheet
133Kb / 5P
   Quartz Crystal
logo
M-System Co.,Ltd.
MP1200-0-FH MSYSTEM-MP1200-0-FH Datasheet
94Kb / 4P
   THERMOCOUPLE INPUT LIMIT ALARM
MP1200-0-FR MSYSTEM-MP1200-0-FR Datasheet
94Kb / 4P
   THERMOCOUPLE INPUT LIMIT ALARM
MP1200-0-FT MSYSTEM-MP1200-0-FT Datasheet
94Kb / 4P
   THERMOCOUPLE INPUT LIMIT ALARM
MP1200-0-FV MSYSTEM-MP1200-0-FV Datasheet
94Kb / 4P
   THERMOCOUPLE INPUT LIMIT ALARM
More results

Similar Description - MP1232ABS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
   15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com