Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSAM265SR Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM265SR
Description  CompactSPEECH Digital Speech Processors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM265SR Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button NSAM265SR Datasheet HTML 4Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 5Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 6Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 7Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 8Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 9Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 10Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 11Page - National Semiconductor (TI) NSAM265SR Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
10 Theory of Operation (Continued)
173 Memory Operating Modes in NSAM265SF
The NSAM265SF supports two operating modes of the
FLASH memory manager (selected by the CFG command)
Normal Mode
In this mode the NSAM265SF always keeps one free block
for memory management The EV
MEMFULL event is set
when all but one good AFLASH blocks are full and record-
ing on the last available free block is not allowed
Maximum recording time in this mode
On one 8-Mbit FLASH (no bad blocks) device 28 minutes
and 8 seconds
On one 4-Mbit FLASH (no bad blocks) device 13 minutes
and 8 seconds
Memory Intensive Mode
All good blocks are available for message recording As
long as there is one free block available for memory man-
agement this mode is the same as normal mode The Com-
pactSPEECH sets the EV
MEMLOW event when approxi-
mately 20 seconds recording time remain on the one-be-
fore-last FLASH block The EV
MEMFULL event is set
only when all the blocks are full
However if the last good block is used for recording the
NSAM265SF no longer has a free block for memory man-
agement and therefore may fail to free memory space ie
execute the FR command The microcontroller must delete
all messages with the MESSAGE
SAFE bit cleared to
guarantee that at least one block is erased and can be
used for memory management
When there is no block available for memory management
and you attempt to record a message with the MESSAGE
SAFE
bit set
the CompactSPEECH sets the EV
MEMFULL event and does not allow you to record Thus it
is possible to avoid a situation where a safe message must
be deleted to free a FLASH block
Maximum recording time in this mode
On one 8 Mbits FLASH (no bad blocks) device 30 minutes
On one 4 Mbits FLASH (no bad blocks) device 15 minutes
18 TONE AND NO-ENERGY DETECTION
The CompactSPEECH detects DTMF busy and dial tones
and no energy (VOX) This enables remote control opera-
tions and call progress Detection is active throughout the
operation of the CompactSPEECH Detection can be con-
figured using the SDET (Set Detectors Mask) command
which controls the reporting of occurrence of tones and the
RDET (Reset Detectors) command which resets the detec-
tors
DTMF
DTMF detection may be reported at starting point ending
point or both The report is made through the status word
(for further details see GSW command in Section 32)
The DTMF detector specifications as measured on the line
input using the NSV-AM265-DAA board are summarized be-
low (see Table 1-2)
Echo Cancellation
Echo cancellation is a technique used to improve the per-
formance of DTMF tone detection during speech synthesis
tone generation and OGM playback For echo cancellation
to work properly AGC must not be active in parallel Thus
to take advantage of echo cancellation the microcontroller
must control the AGC ie disable the AGC during PLAY
SYNTHESIS and TONE
GENERATE states and enable it
again afterwards If AGC can not be disabled do not use
echo cancellation The microcontroller should use the CFG
command to activatedeactivate echo cancellation (For fur-
ther details see Section 32)
Echo cancellation applies only to DTMF tones Busy and
dial tones detection is not affected by this technique
TABLE 1-2 DTMF Detector Specifications
Play
Record
Idle
Detection Sensitivity
b
33 with Echo Canceller
b
40 dBm
(Note A)
b
23 wo Echo Canceller
Accepted
l
50 ms
l
40 ms
DTMF Length
Frequency Tolerance
g
15%
g
15%
SN Ratio
12 dB
12 dB
Minimum Spacing
l
45 ms
l
45 ms
(Note B)
Normal Twist
8 dB
8 dB
Reverse Twist
4 dB or 8 dB
4 dB or 8 dB
(Note C)
Note A
Performance depends on DAA design
Note B
If the interval between two consecutive DTMF tones is less than or
equal to 20 ms the two are detected as one long DTMF tone If the interval
between two consecutive DTMF tones is between 20 ms and 45 ms sepa-
rate detection is unpredictable
Note C
Determined according to the DTMF
REV
TWIST tunable param-
eter value
8


Similar Part No. - NSAM265SR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSAM266SA NSC-NSAM266SA Datasheet
571Kb / 52P
   NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SAA NSC-NSAM266SAA Datasheet
571Kb / 52P
   NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SAA/V NSC-NSAM266SAA/V Datasheet
571Kb / 52P
   NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SVLJ NSC-NSAM266SVLJ Datasheet
571Kb / 52P
   NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
More results

Similar Description - NSAM265SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
   SPEECH AND MUSIC PROCESSORS
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
   SPEECH AND MUSIC PROCESSORS
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com