Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW240NF55 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW240NF55
Description  N-CHANNEL 55V - 0.0027 ??- 120A TO-247 STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW240NF55 Datasheet(HTML) 5 Page - STMicroelectronics

  STW240NF55 Datasheet HTML 1Page - STMicroelectronics STW240NF55 Datasheet HTML 2Page - STMicroelectronics STW240NF55 Datasheet HTML 3Page - STMicroelectronics STW240NF55 Datasheet HTML 4Page - STMicroelectronics STW240NF55 Datasheet HTML 5Page - STMicroelectronics STW240NF55 Datasheet HTML 6Page - STMicroelectronics STW240NF55 Datasheet HTML 7Page - STMicroelectronics STW240NF55 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
STW240NF55
Normalized Gate Threshold Voltage vs Temperature
Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage vs Temperature
.
.


Similar Part No. - STW240NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW24N60DM2 STMICROELECTRONICS-STW24N60DM2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
March 2014 Rev 3
STW24N60M2 STMICROELECTRONICS-STW24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STW24N60M6 STMICROELECTRONICS-STW24N60M6 Datasheet
265Kb / 13P
   N-channel 600 V, 162 m typ., 17 A, MDmeshTM M6 Power MOSFET in a TO-247 package
August 2018 Rev 1
STW24NK55Z STMICROELECTRONICS-STW24NK55Z Datasheet
249Kb / 12P
   N-channel 550 V - 0.18 廓 - 23 A - TO-247 Zener-protected SuperMESH??Power MOSFET
STW24NM60N STMICROELECTRONICS-STW24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
More results

Similar Description - STW240NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
   N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
   N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
STW80NF55-06 STMICROELECTRONICS-STW80NF55-06 Datasheet
114Kb / 6P
   N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET??II POWER MOSFET
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET??POWER MOSFET
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STW200NF03 STMICROELECTRONICS-STW200NF03 Datasheet
292Kb / 8P
   N-CHANNEL 30V - 0.002 ohm - 120A TO-247 ULTRA LOW ON-RESISTANCE STripFET??II MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
   N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com