Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS202CMWX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202CMWX
Description  5V Single Supply TIA/EIA-232 Dual Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202CMWX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMS202CMWX Datasheet HTML 1Page - National Semiconductor (TI) LMS202CMWX Datasheet HTML 2Page - National Semiconductor (TI) LMS202CMWX Datasheet HTML 3Page - National Semiconductor (TI) LMS202CMWX Datasheet HTML 4Page - National Semiconductor (TI) LMS202CMWX Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified C1 = C2 = C3 = C4 = Cbp = 0.1µF
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
Max
(Note 5)
Units
V
SLEW
Transition Region Slew Rate T
A = 25˚C, VS =5V
C
L = 50pF to 1000pF, RL =3k
Ω to 7kΩ
Measured from +3V to −3V or vice versa
3
6
30
V/µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, 1.5k
Ω in series with 100pF
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis
Note 6: Machine model, 0
Ω in series with 200pF
Typical Characteristics
Transmitter Output High Voltage vs. Load Capacitance
Transmitter Slew Rate vs. Load Capacitance
20062902
20062903
Application Information
CAPACITOR SELECTION
The recommended capacitors are 0.1µF. However, larger
capacitors for the charge pump may be used to minimized
ripples on V+ and V− pins.
POWER SUPPLY DECOUPLING
In some applications that are sensitive to power supply noise
from the charge pump, place a decoupling capacitor, Cbp,
from V
S to GND. Use at least a 0.1µF capacitor or the same
size as the charge pump capacitors (C1 − C4).
CHARGED PUMP
The dual internal charged-pump provides the ±10V to the to
transmitters. Using capacitor C1, the charge pump converts
+5V to +10V then stores the +10V in capacitor C3. The
charge pump uses capacitor C2 to invert the +10V to −10V.
The −10V is then stored in capacitor C4.
www.national.com
4


Similar Part No. - LMS202CMWX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
   15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
LMS202ECM NSC-LMS202ECM Datasheet
132Kb / 8P
   15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202ECM/NOPB TI1-LMS202ECM/NOPB Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
LMS202ECMW NSC-LMS202ECMW Datasheet
132Kb / 8P
   15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results

Similar Description - LMS202CMWX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
   15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
   Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
National Semiconductor ...
DS14C238 NSC-DS14C238 Datasheet
85Kb / 5P
   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
logo
Texas Instruments
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
[Old version datasheet]   Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com