Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1100A6IDBVR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1100A6IDBVR
Description  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1100A6IDBVR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS1100A6IDBVR Datasheet HTML 5Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 6Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 7Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 8Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 9Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 10Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 11Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 12Page - Burr-Brown (TI) ADS1100A6IDBVR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADS1100
9
SBAS239B
www.ti.com
I2C GENERAL CALL
The ADS1100 responds to General Call Reset, which is an
address byte of 00H followed by a data byte of 06H. The
ADS1100 acknowledges both bytes.
On receiving a General Call Reset, the ADS1100 performs a
full internal reset, just as though it had been powered off and
then on. If a conversion is in process, it is interrupted; the
output register is set to zero, and the configuration register is
set to its default setting.
The ADS1100 always acknowledges the General Call ad-
dress byte of 00H, but it does not acknowledge any General
Call data bytes other than 04H or 06H.
I2C DATA RATES
The I2C bus operates in one of three speed modes: Stan-
dard, which allows a clock frequency of up to 100kHz; Fast,
which allows a clock frequency of up to 400kHz; and High-
speed mode (also called Hs mode), which allows a clock
frequency of up to 3.4MHz. The ADS1100 is fully compatible
with all three modes.
No special action needs to be taken to use the ADS1100 in
Standard or Fast modes, but High-speed mode must be
activated. To activate High-speed mode, send a special
address byte of 00001XXX following the start condition,
where the XXX bits are unique to the Hs-capable master.
This byte is called the Hs master code. (Note that this is
different from normal address bytes: the low bit does not
indicate read/write status.) The ADS1100 will not acknowl-
edge this byte; the I2C specification prohibits acknowledg-
ment of the Hs master code. On receiving a master code, the
ADS1100 will switch on its High-speed mode filters, and will
communicate at up to 3.4MHz. The ADS1100 switches out of
Hs mode with the next stop condition.
For more information on High-speed mode, consult the I2C
specification.
REGISTERS
The ADS1100 has two registers that are accessible via its I2C
port. The output register contains the result of the last conver-
sion; the configuration register allows you to change the
ADS1100’s operating mode and query the status of the device.
OUTPUT REGISTER
The 16-bit output register contains the result of the last
conversion in binary two’s complement format. Following
reset or power-up, the output register is cleared to zero; it
remains zero until the first conversion is completed. There-
fore, if you read the ADS1100 just after reset or power-up,
you will read zero from the output register.
The output register’s format is shown in Table IV.
CONFIGURATION REGISTER
You can use the 8-bit configuration register to control the
ADS1100’s operating mode, data rate, and PGA settings.
The configuration register’s format is shown in Table V. The
default setting is 8CH.
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK Operating Frequency
f(SCLK)
0.4
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold Time After Repeated START Condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
Repeated START Condition Setup Time
t(SUSTA)
600
160
ns
STOP Condition Setup Time
t(SUSTO)
600
160
ns
Data Hold Time
t(HDDAT)
00
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCLK Clock LOW Period
t(LOW)
1300
160
ns
SCLK Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
TABLE III. Timing Diagram Definitions.
BIT
15
14
13
12
11
10
9876
54321
0
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
TABLE IV. Output Register.
BIT
7
654
3
2
1
0
NAME
ST/BSY
0
0
SC
DR1 DR0
PGA1
PGA0
TABLE V. Configuration Register.
Bit 7: ST/BSY
The meaning of the ST/BSY bit depends on whether it is
being written to or read from.
In single conversion mode, writing a 1 to the ST/BSY bit
causes a conversion to start, and writing a 0 has no effect.
In continuous conversion mode, the ADS1100 ignores the
value written to ST/BSY.


Similar Part No. - ADS1100A6IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100A6IDBVR TI1-ADS1100A6IDBVR Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A6IDBVRG4 TI1-ADS1100A6IDBVRG4 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A6IDBVRG4 TI1-ADS1100A6IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Similar Description - ADS1100A6IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com