Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT534 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT534
Description  Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT534 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT534 Datasheet HTML 3Page - NXP Semiconductors 74HCT534 Datasheet HTML 4Page - NXP Semiconductors 74HCT534 Datasheet HTML 5Page - NXP Semiconductors 74HCT534 Datasheet HTML 6Page - NXP Semiconductors 74HCT534 Datasheet HTML 7Page - NXP Semiconductors 74HCT534 Datasheet HTML 8Page - NXP Semiconductors 74HCT534 Datasheet HTML 9Page - NXP Semiconductors 74HCT534 Datasheet HTML 10Page - NXP Semiconductors 74HCT534 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1998 Apr 10
7
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state; inverting
74HC/HCT534
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see chapter
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver ICC category: MSI.
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
OE
1.25
CP
0.90
Dn
0.35
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max min. max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
16
30
38
45
ns
4.5
Fig.6
tPZH/ tPZL
3-state output enable time
OE to Qn
16
30
38
45
ns
4.5
Fig.7
tPHZ/ tPLZ
3-state output disable
time OE to Qn
18
30
38
45
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
23
14
29
35
ns
4.5
Fig.6
tsu
set-up time
Dn to CP
12
4
15
18
ns
4.5
Fig.8
th
hold time
Dn to CP
5
−1
5
5
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
22
36
18
15
MHz
4.5
Fig.6


Similar Part No. - 74HCT534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT533 PHILIPS-74HCT533 Datasheet
62Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
More results

Similar Description - 74HCT534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC564 PHILIPS-74HC564 Datasheet
58Kb / 7P
   Octal D-type flip-flop; positive-edge trigger; 3-state; inverting
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com