Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO722DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722DR
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722DR Datasheet(HTML) 2 Page - Texas Instruments

  ISO722DR Datasheet HTML 1Page - Texas Instruments ISO722DR Datasheet HTML 2Page - Texas Instruments ISO722DR Datasheet HTML 3Page - Texas Instruments ISO722DR Datasheet HTML 4Page - Texas Instruments ISO722DR Datasheet HTML 5Page - Texas Instruments ISO722DR Datasheet HTML 6Page - Texas Instruments ISO722DR Datasheet HTML 7Page - Texas Instruments ISO722DR Datasheet HTML 8Page - Texas Instruments ISO722DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
GND2
1
2
3
4
8
7
6
5
V
CC1
IN
V
CC1
GND1
V
CC2
OUT
GND2
EN
1
2
3
4
8
7
6
5
V
CC1
IN
V
CC1
GND1
V
CC2
OUT
GND2
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The symmetry of the dielectric and capacitor within the integrated circuitry provides for close capacitive
matching, and allows fast transient voltage changes between the input and output grounds without corrupting the
output. The small capacitance and resulting time constant provide for fast operation with signaling rates(1) from 0
Mbps (dc) to 100 Mbps for the ISO721/ISO722, and 0 Mbps to 150 Mbps with the ISO721M/ISO722M.
These devices require two supply voltages of 3.3-V, 5-V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS.
The ISO722 and ISO722M devices includes an active-low output enable that when driven to a high-logic level,
places the output in a high-impedance state, and turns off internal bias circuitry to conserve power.
Both the ISO721 and ISO722 have TTL input thresholds and a noise-filter at the input that prevents transient
pulses of up to 2 ns in duration from being passed to the output of the device.
The ISO721M and ISO722M have CMOS VCC/2 input thresholds, but do not have the noise-filter and the
additional propagation delay. These features of the ISO721M also provide for reduced jitter operation.
The ISO721, ISO721M, ISO722, and ISO722M are characterized for operation over the ambient temperature
range of –40°C to 125°C.
(1) The signaling rate of a line is the number of voltage transitions that are made per second expressed in
the units bps (bits per second).
PACKAGE PIN ASSIGMENTS
PACKAGE PIN ASSIGMENTS
ISO721D, ISO721MD
ISO722D, ISO722MD
(TOP VIEW)
(TOP VIEW)
AVAILABLE OPTIONS
OUTPUT
INPUT
NOISE
MARKED
PRODUCT
PACKAGE(1)
ORDERING NUMBER
GREEN
ENABLED
THRESHOLDS
FILTER
AS
ISO721D (rail)
ISO721
NO
TTL
YES
SOIC-8
ISO721
ISO721DR (reel)
ISO721MD (rail)
ISO721M
NO
CMOS
NO
SOIC-8
IS721M
ISO721MDR (reel)
Pb Free
Sb/Br Free
ISO722D (rail)
ISO722
YES
TTL
YES
SOIC-8
ISO722
ISO722DR (reel)
ISO722MD (rail)
ISO722M
YES
CMOS
NO
SOIC-8
IS722M
ISO722MDR (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component
Recognized under 1577
Certified according to IEC 60747-5-2
Acceptance Notice: CA-5A
Component Recognition Program(1)
File Number: 40014131
File Number: 1698195
File Number: E181974
(1)
Production tested
≥ 3000 V
RMS for 1 second in accordance with UL 1577.
2
Submit Documentation Feedback


Similar Part No. - ISO722DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO722DR TI-ISO722DR Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO722DR TI1-ISO722DR Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO722DR TI1-ISO722DR Datasheet
1Mb / 37P
[Old version datasheet]   Single Channel High-Speed Digital Isolators
ISO722DRG4 TI1-ISO722DRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single Channel High-Speed Digital Isolators
ISO722DRG4 TI1-ISO722DRG4 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
More results

Similar Description - ISO722DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO721-Q1 TI-ISO721-Q1 Datasheet
379Kb / 19P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP_101 TI-ISO721M-EP_101 Datasheet
679Kb / 25P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP_10 Datasheet
640Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721 TI-ISO721_10 Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 TI1-ISO721_1007 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO721M-EP TI-ISO721M-EP Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1 TI1-ISO721-Q1_16 Datasheet
982Kb / 27P
[Old version datasheet]   AND/OR 5-V HIGH-SPEED DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
ACML-7400-000E AVAGO-ACML-7400-000E Datasheet
146Kb / 13P
   3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com