Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT540D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT540D
Description  Octal buffer/line driver; 3-state; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT540D Datasheet(HTML) 6 Page - NXP Semiconductors

  74HCT540D Datasheet HTML 1Page - NXP Semiconductors 74HCT540D Datasheet HTML 2Page - NXP Semiconductors 74HCT540D Datasheet HTML 3Page - NXP Semiconductors 74HCT540D Datasheet HTML 4Page - NXP Semiconductors 74HCT540D Datasheet HTML 5Page - NXP Semiconductors 74HCT540D Datasheet HTML 6Page - NXP Semiconductors 74HCT540D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
74HC/HCT540
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
OE1
OE2
An
1.50
1.00
1.40
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
13
24
30
36
ns
4.5
Fig.6
tPZH/ tPZL
3-state
output enable time
OE to Yn
22
35
44
53
ns
4.5
Fig.7
tPHZ/ tPLZ
3-state output
disable time
OE to Yn
23
35
44
53
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.6


Similar Part No. - 74HCT540D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HCT540D TOSHIBA-74HCT540D Datasheet
228Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HCT540D NEXPERIA-74HCT540D Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74HCT540D-Q100 NEXPERIA-74HCT540D-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HCT540D-Q100 NEXPERIA-74HCT540D-Q100 Datasheet
236Kb / 13P
   Octal buffer/line driver; 3-state; inverting
Rev. 3 - 16 August 2021
74HCT540DB NEXPERIA-74HCT540DB Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
More results

Similar Description - 74HCT540D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com