Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCFC2-813BP4 Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # RCFC2-813BP4
Description  Dielectric Ceramic Filters and Duplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RCFC2-813BP4 Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  RCFC2-813BP4 Datasheet HTML 1Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 2Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 3Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 4Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 5Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 6Page - Raltron Electronics Corporation RCFC2-813BP4 Datasheet HTML 7Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
Dielectric Ceramic Filters
Specifications
Outline Drawings
4 Pole Bandpass Filter
Part Number
Center Frequency Bandwidth Insertion Loss (Max) Ripple (Max) V.S.W.R (Max)
Attenuation (Min)
RCFC1-1930BP4
1930.0 MHz
RCFC1-2120BP4
2120.0 MHz
RCFC1-2315BP4
2315.0 MHz
RCFC1-2385BP4
2385.0 MHz
40 dB @ Fo±70 MHz
F0±15.0 MHz
4.5 dB
1.0 dB
1.8
F0±10.0 MHz
4.5 dB
0.8 dB
2
40 dB @ Fo±90 MHz
MARKING AREA
13.6
4.5 MAX
2.8
4.0
4.0
1.1
4.5
4.5
4.6
1.0
EXPOSED METAL (GROUND)
EXPOSED METAL (IN-OUT)
SOLDER MASK
ALL DIMENSIONS ARE MM
TOLERANCE IS ±0.3 MM
Part Number
Center Frequency Bandwidth Insertion Loss (Max) Ripple (Max) V.S.W.R (Max)
Attenuation (Min)
RCFC2-813BP4
813.0 MHz
F0±5 MHz
3.5 dB
0.5 dB
2
30 dB @ Fo±40 MHz
RCFC2-813BP4
836.5 MHz
RCFC2-813BP4
881.5 MHz
20 dB @ Fo±32.5 MHz
F0±12.5 MHz
3.0 dB
0.8 dB
2
RCFC1 Package
Applications for RCFC2
RCFC2 Package
TRS
AMPS
25.65
IN-OUT
IN-OUT
7.5 MAX
N
P
Q
R
O
L
M
I
0.0
D
Z
H
G
V
EF
MARKING AREA
ALL DIMENSIONS ARE MM
TOLERANCE IS ±0.3 MM
0 - D = 2.79
0 - E = 6.83
0 - F = 12.83
0 - G = 18.82
0 - H = 22.86
0 - I = 2.79
0 - L =5.59
0 - M = 12.90
0 - N = 17.00
0 - O = 3.84
0 - P = 9.83
0 - Q = 15.82
0 - R = 21.80
S : 9 x 1.02
T : 2 x 3.56
U : 15 x 1.52
V : 6 x 1.14
Z : 2 x 2.16
Applications for RCFC1
IMT-2000
WLL
RCFC2 Package


Similar Part No. - RCFC2-813BP4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RCF08T TAITRON-RCF08T Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20G-52-TR20 TAITRON-RCF08T20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W TAITRON-RCF1W Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W20G-52-TR20 TAITRON-RCF1W20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
More results

Similar Description - RCFC2-813BP4

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
Mini-Circuits
CBP-1413R5A MINI-CBP-1413R5A Datasheet
882Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
Mini-Circuits
CBP4-1875Q++ MINI-CBP4-1875Q+ Datasheet
841Kb / 4P
   Coaxial-Ceramic Resonator Filters and Multiplexers
REV. OR
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com