Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCFD1-2140BP5 Datasheet(PDF) 7 Page - Raltron Electronics Corporation

Part # RCFD1-2140BP5
Description  Dielectric Ceramic Filters and Duplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RCFD1-2140BP5 Datasheet(HTML) 7 Page - Raltron Electronics Corporation

  RCFD1-2140BP5 Datasheet HTML 1Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 2Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 3Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 4Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 5Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 6Page - Raltron Electronics Corporation RCFD1-2140BP5 Datasheet HTML 7Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
Outline Drawing
Specifications
Duplexers
Duplexers
5.3
9.5
9.5
7.2
6.0
6.0
8.0
4.0
2.0
2.0
51.0±0.3
2.0
7.8 MAX
4.0
4.0
4.0
4.0
4.0
4.0
4.0 4.0
2.0
5.0
TOLERANCE UNLESS
OTHERWISE SPECIFIED:±0.1
INPUT-OUTPUT
GROUND
Part Number
Center Frequency
Bandwidth
Insertion Loss Ripple (Max) V.S.W.R (Max)
Attenuation (Min)
Tx 1690 MHz
1.5 dB
0.5 dB
1.5
50 dB at 1718 MHz
Rx 2180 MHz
2.0 dB
0.5 dB
1.5
50 dB at 2152 MHz
Tx 1765 Mhz
1.7 dB
1.0 dB
1.5
42 dB at Fr±15 MHz
Rx 1855 MHz
2.5 dB
1.0 dB
1.5
43 dB at Fr±15 MHz
Tx 2315 MHz
1.5 dB
1.0 dB
1.5
45 dB at Fr±15 MHz
Rx 2385 MHz
2.5 dB
1.0 dB
1.5
50 dB at Fr±15 MHz
Tx 902.5 MHz
2.5 dB
0.8 dB
1.5
48 dB at Fr±12.5 MHz
Rx 947.5 MHz
3.0 dB
0.8 dB
1.5
48 dB at Fr±12.5 MHz
Tx 1950 MHz
2.0 dB
0.5 dB
1.5
50 dB at Fr±15 MHz
Rx 2140 MHz
2.0 dB
1.0 dB
1.5
50 dB at Fr±15 MHz
Tx 813 MHz
2.0 dB
0.8 dB
1.5
50 dB at Fr±.05 MHz
Rx 858 MHz
2.0 dB
0.8 dB
1.5
50 dB at Fr±5.0 MHz
Tx 836.5 MHz
2.0 dB
0.8 dB
1.5
50 dB at Fr±12.5 MHz
Rx 881.5 MHz
2.3 dB
0.8 dB
1.5
50 dB at Fr±15 MHz
Tx 1765 MHz
2.0 dB
0.8 dB
1.5
55 dB at Fr±15 MHz
Rx 1855 MHz
2.0 dB
0.8 dB
1.5
55 dB at Fr±15 MHz
Fo±32.5 MHz
Fo±15.0 MHz
Fo±15.0 MHz
Fo±5.0 MHz
Fo±12.5 MHz
Fo±30.0 MHz
Fo±12.5 MHz
Fo±15.0 MHz
RDXA-R2180-T1690A
RDXA-R1855-T1765A
RDXA-R2385-T2315A
RDXA-R947-T902A
RDXA-R2140-T1950A
RDXA-R858-T813A
RDXA-R881-T836A
RDXA-R1855-T1765A
RDXA Package
Other specifations are available in the RDXA package.
Also other duplexer package types are available.


Similar Part No. - RCFD1-2140BP5

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RCF08T TAITRON-RCF08T Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20G-52-TR20 TAITRON-RCF08T20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W TAITRON-RCF1W Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W20G-52-TR20 TAITRON-RCF1W20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
More results

Similar Description - RCFD1-2140BP5

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
Mini-Circuits
CBP-1413R5A MINI-CBP-1413R5A Datasheet
882Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
Mini-Circuits
CBP4-1875Q++ MINI-CBP4-1875Q+ Datasheet
841Kb / 4P
   Coaxial-Ceramic Resonator Filters and Multiplexers
REV. OR
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com