Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCFD1-881BP5 Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # RCFD1-881BP5
Description  Dielectric Ceramic Filters and Duplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RCFD1-881BP5 Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  RCFD1-881BP5 Datasheet HTML 1Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 2Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 3Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 4Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 5Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 6Page - Raltron Electronics Corporation RCFD1-881BP5 Datasheet HTML 7Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
Dielectric Ceramic Filters
Outline Drawings
Specifications
6 Pole Bandpass Filter
MARKING AREA
50.0
11.0 MAX
CONDUCTIVE METAL (IN-OUT)
CONDUCTIVE METAL (GROUND)
METAL MASK
7.0
9.0
9.0
9.0
9.0
7.0
4.0
2.0
TOLERANCE: ±0.3 mm
38.0
8.0 MAX
MARKING AREA
CONDUCTIVE METAL (GROUND)
CONDUCTIVE METAL (IN-OUT)
2.0
1.0
3.0
3.0 3.0
3.0 3.0 3.0
3.0 1.0
2.1
0.8
0.8
0.8
0.8
0.8
2.1
0.8
3.0
3.0
5.1 3.8 3.8 3.8 3.8 3.8
5.1 2.5
3.8
TOLERANCE: ±0.3 mm
Part Number
Center Frequency Bandwidth Insertion Loss (Max) Ripple (Max) V.S.W.R (Max)
Attenuation (Min)
RCFE1-2332BP6
1030.0 MHz
F0±4.5 MHz
5.0 dB
0.8 dB
2
45 dB @ Fo±25.0 MHz
RCFE1-1030BP6
2332.5 MHz
F0±27.5 MHz
3.0 dB
1.0 dB
2
23 dB @ Fo±57.5 MHz
RCFE1 Package
RCFE2 Package
Specifations for the RCFE1 package are also available for the RCFE2 Package.
Other specifations are available in these packages.
Satellite Link
IMT- 2000
Applications for RCFE1/E2


Similar Part No. - RCFD1-881BP5

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RCF08T TAITRON-RCF08T Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20G-52-TR20 TAITRON-RCF08T20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W TAITRON-RCF1W Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
RCF1W20G-52-TR20 TAITRON-RCF1W20G-52-TR20 Datasheet
294Kb / 6P
   Carbon Film Resistor Normal & Miniature Style
More results

Similar Description - RCFD1-881BP5

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
Mini-Circuits
CBP-1413R5A MINI-CBP-1413R5A Datasheet
882Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
Mini-Circuits
CBP4-1875Q++ MINI-CBP4-1875Q+ Datasheet
841Kb / 4P
   Coaxial-Ceramic Resonator Filters and Multiplexers
REV. OR
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com