Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO6100 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CO6100
Description  THROUGH HOLE CLOCK OSCILLATORS-HCMOS COMPATIBLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CO6100 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CO6100 Datasheet HTML 1Page - Raltron Electronics Corporation CO6100 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
THROUGH HOLE CLOCK OSCILLATORS - HCMOS COMPATIBLE
SERIES CO6 AND CO12
PACKAGING
14 PIN DIP: 25 PIECES PER ELECTROSTATIC TUBE
8 PIN DIP: 40 PIECES PER ELECTROSTATIC TUBE
PIN 1
PIN 14
20.80 MAX
.819 MAX
.480
12.19
PIN 8
PIN 7
COLORED DOT
INDICATES
PIN 1 LOCATION
MARKING
AREA
.018 ± .003 DIA
0.46 ± .08 DIA
.600 ± .005
15.24 ± .13
TEST CIRCUIT
PIN
FUNCTION
1
N/C
4
GROUND
5
OUTPUT
8
VCC
PIN
FUNCTION
1
N/C
7
GROUND
8
OUTPUT
14
VCC
CO12 PACKAGE (HALF SIZE 8 PIN DIP)
CO6 PACKAGE (FULLSIZE 14 PIN DIP)
V
A
VDD
N/C
GND
OUT
CL
8
14
17
OSCILLOSCOPE
+
-
(8)
(5)
(4)
POWER
SUPPLY
CLOCK
OSCILLATOR
FREQUENCY
COUNTER
FREQUENCY
STANDARD
DIMENSIONS
Scale none Dimension in
mm
inch
Scal e non e D ime nsio n i n
mm
inch
PIN CONNECTION
PIN CONNECTION
NOTE: PIN 7 IS INTERNAL
TO HEADER
NOTE: PIN 4 IS INTERNAL
TO HEADER
PIN 1 LOCATION
PIN 1
PIN 8
PIN 5
PIN 4
MARKING
AREA
.018 ± .003 DIA
0.45 ± .076 DIA
.300 ± .005
7 .62 ± .1 3
13.21 MAX
.520 MAX


Similar Part No. - CO6100

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600 Datasheet
22Kb / 1P
   Oven Controlled Crystal Oscillator
CO600 VANLONG-CO600 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
CO600A17 VANLONG-CO600A17 Datasheet
22Kb / 1P
   Oven Controlled Crystal Oscillator
CO600A18 VANLONG-CO600A18 Datasheet
22Kb / 1P
   Oven Controlled Crystal Oscillator
CO600A57 VANLONG-CO600A57 Datasheet
22Kb / 1P
   Oven Controlled Crystal Oscillator
More results

Similar Description - CO6100

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO15 RALTRON-CO15 Datasheet
106Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
logo
List of Unclassifed Man...
CO1 ETC-CO1 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Raltron Electronics Cor...
CO1 RALTRON-CO1 Datasheet
98Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com